Electronic Components Datasheet Search
  English  ▼

X  

A26 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # A26
Description  Cascadable Amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

A26 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  A26 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. A26 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Cascadable Amplifier
10 to 1500 MHz
Rev. V5
A26/SMA26
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: Z0 = 50Ω, VCC = +15 VDC
Parameter
Typical
Guaranteed
25ºC
0º to 50ºC
-54º to +85ºC
1
Frequency
MHz
10-16002
10-15002
10-15002
Small Signal Gain (min)
dB
20.5
19.0
18.5
Gain Flatness (max)
dB
±0.4
±0.6
±0.8
Reverse Isolation
dB
28
Noise Figure (max)
dB
5.0
5.5
6.0
Power Output
10-1000MHz
@ 1 dB comp. (min)
dBm
14.0
+13.0
+12.50
IP3
dBm
+27
IP2
dBm
+45
Second Order Harmonic IP
dBm
+51
VSWR Input / Output (max)
1.4:1
/ 1.4:1
1.7:1
/ 1.7:1
2.0:1
/ 2.3:1
DC Current @ 15 Volts
(max)
mA
64
67
70
Units
Power Output
1000-1500MHz
@ 1 dB comp. (min)
dBm
16.0
+15.0
+14.50
Features
• HIGH GAIN - TWO STAGES: 20.5 dB (TYP.)
• HIGH OUTPUT LEVEL: +15 dBm (TYP.)
• LOW VSWR: <1.4:1 (TYP.)
Description
The A26 RF amplifier is a discrete hybrid design, which uses
thin film manufacturing processes for consistent performance
and high reliability.
This 2 stage bipolar transistor feedback amplifier design displays
impressive performance over a broadband frequency range. An
active
DC
biasing
network
insures
temperature-stable
performance. Both TO-8 and Surface Mount packages are her-
metically sealed, and MIL-STD-883 environmental screening is
available.
Product Image
Ordering Information
Part Number
Package
A26
TO-8
SMA26
Surface Mount
CA26
SMA Connectorized **
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
+125ºC
DC Voltage
+17 V
Continuous Input Power
+10 dBm
Short Term Input power
(1 minute max.)
100 mW
Peak Power (3 µsec max.)
0.5 W
“S” Series Burn-In
Temperature (case)
+125ºC
Thermal Data: VCC = +15 VDC
Parameter
Rating
Thermal Resistance θjc
145ºC/W
Transistor Power Dissipation Pd
0.394 W
Junction Temperature Rise
Above Case Tjc
+57ºC
1.
Over temperature performance limits for part number CA26, guaranteed from 0oC to +50oC only.
2.
Specifications apply across frequency range unless otherwise specified
** The connectorized version is not RoHs compliant.
**


Similar Part No. - A26

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A26 MACOM-A26 Datasheet
110Kb / 1P
10 TO 1500 MHz CASCADABLE AMPLIFIER
logo
DB Lectro Inc
A26 DBLECTRO-A26 Datasheet
283Kb / 1P
SCSI - III D- SUB IDC(MALE)
logo
Tyco Electronics
A26 MACOM-A26 Datasheet
367Kb / 2P
Cascadable Amplifier 10 to 1500 MHz
logo
M/A-COM Technology Solu...
A26 MA-COM-A26 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1500 MHz
logo
List of Unclassifed Man...
A26 ETC2-A26 Datasheet
213Kb / 7P
Process Sealed Subminiature Toggles
More results

Similar Description - A26

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
A75-2 MA-COM-A75-2 Datasheet
1Mb / 2P
Cascadable Amplifier Cascadable Amplifier
A87-2 MA-COM-A87-2 Datasheet
1Mb / 2P
Cascadable Amplifier Cascadable Amplifier
A18-1-SMA18-1 MA-COM-A18-1-SMA18-1 Datasheet
1Mb / 2P
Cascadable Amplifier
A26-SMA26 MA-COM-A26-SMA26 Datasheet
205Kb / 2P
Cascadable Amplifier
A28-SMA28 MA-COM-A28-SMA28 Datasheet
1Mb / 2P
Cascadable Amplifier
A59-SMA59 MA-COM-A59-SMA59 Datasheet
1Mb / 2P
Cascadable Amplifier
A70-1-SMA70-1 MA-COM-A70-1-SMA70-1 Datasheet
1Mb / 2P
Cascadable Amplifier
A70-3-SMA70-3 MA-COM-A70-3-SMA70-3 Datasheet
1Mb / 2P
Cascadable Amplifier
PA511-SMPA511 MA-COM-PA511-SMPA511 Datasheet
1Mb / 2P
Cascadable Amplifier
RA62-SMRA62 MA-COM-RA62-SMRA62 Datasheet
1Mb / 2P
Cascadable Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com