Electronic Components Datasheet Search
  English  ▼

X  

MIC863BM8 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC863BM8
Description  Dual Ultra Low Power Op Amp in SOT23-8
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC863BM8 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC863BM8 Datasheet HTML 8Page - Micrel Semiconductor MIC863BM8 Datasheet HTML 9Page - Micrel Semiconductor MIC863BM8 Datasheet HTML 10Page - Micrel Semiconductor MIC863BM8 Datasheet HTML 11Page - Micrel Semiconductor MIC863BM8 Datasheet HTML 12Page - Micrel Semiconductor MIC863BM8 Datasheet HTML 13Page - Micrel Semiconductor MIC863BM8 Datasheet HTML 14Page - Micrel Semiconductor MIC863BM8 Datasheet HTML 15Page - Micrel Semiconductor MIC863BM8 Datasheet HTML 16Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
January 2005
13
MIC863
MIC863
Micrel
Applications Information
Power Supply Bypassing
Regular supply bypassing techniques are recommended. A
10µF capacitor in parallel with a 0.1µF capacitor on both the
positive and negative supplies are ideal. For best perfor-
mance all bypassing capacitors should be located as close to
the op amp as possible and all capacitors should be low ESL
(equivalent series inductance), ESR (equivalent series resis-
tance). Surface-mount ceramic capacitors are ideal.
Supply and Loading Resistive Considerations
The MIC863 is intended for single supply applications config-
ured with a grounded load. It is not advisable to operate the
MIC863 under either of the following conditions when the load
is less than 20kΩ and the output swing is greater than
1V(peak-to-peak):
1). A grounded load and split supplies (±V) or
2). A single supply where the load is terminated above
ground.
Under the above conditions, there may be some instability
when the output is sinking current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com