Electronic Components Datasheet Search
  English  ▼

X  

MIC2299 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC2299
Description  3.5A Minimum, 2MHz High Brightness LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2299 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC2299_11 Datasheet HTML 6Page - Micrel Semiconductor MIC2299_11 Datasheet HTML 7Page - Micrel Semiconductor MIC2299_11 Datasheet HTML 8Page - Micrel Semiconductor MIC2299_11 Datasheet HTML 9Page - Micrel Semiconductor MIC2299_11 Datasheet HTML 10Page - Micrel Semiconductor MIC2299_11 Datasheet HTML 11Page - Micrel Semiconductor MIC2299_11 Datasheet HTML 12Page - Micrel Semiconductor MIC2299_11 Datasheet HTML 13Page - Micrel Semiconductor MIC2299_11 Datasheet HTML 14Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Micrel, Inc.
MIC2299
October 2007
13
M9999-101907-B
LED Protection
The operation of the Power LED must be limited to short
pulses to prevent overheating. This is usually controlled
by the micro controller in a typical application. For further
fail-safe protection, or where a micro controller is not
used, the temperature of the LED can be limited by the
addition of an NTC thermistor. The value should be
>100k
Ω at its maximum safe operating temperature.
This will then limit current drive to the LED as
temperature rises further and prevents overheating. This
thermistor should be connected directly from BRT to
GND. Reference Figure 10.
Figure 10. LED Thermal Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com