Electronic Components Datasheet Search
  English  ▼

X  

MIC2550 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2550
Description  Universal Serial Bus Transceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2550 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2550 Datasheet HTML 1Page - Micrel Semiconductor MIC2550 Datasheet HTML 2Page - Micrel Semiconductor MIC2550 Datasheet HTML 3Page - Micrel Semiconductor MIC2550 Datasheet HTML 4Page - Micrel Semiconductor MIC2550 Datasheet HTML 5Page - Micrel Semiconductor MIC2550 Datasheet HTML 6Page - Micrel Semiconductor MIC2550 Datasheet HTML 7Page - Micrel Semiconductor MIC2550 Datasheet HTML 8Page - Micrel Semiconductor MIC2550 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MIC2550
Micrel, Inc.
M9999-031805
2
March 2005
Pin Description
Pin Name
Pin Number
Pin Number
Pin Function
MIC2550BTS
MIC2550BML
VIF
1
15
System Interface Supply Voltage (Input): Determines logic voltage levels for
system interface signaling to logic controller.
SPD
2
1
Speed (Input): Edge rate control. Logic high selects full-speed edge rates.
Logic low selects low-speed edge rates.
RCV
3
2
Receive Data (Output): System interface receive data interface to logic
controller.
VP
4
3
Plus (Input/Output): System interface signal to logic controller. If OE# is
logic 1, VP is a receiver output (+); If OE# is logic 0, VP is a driver input (+).
VM
5
4
Minus (Input/Output): System interface signal to logic controller. If OE# is
logic 1, VM is a receiver output (–); If OE# is logic 0, VM is a driver input (–).
NC
6, 13
5, 8, 13 16
Not internally connected.
GND
7
6
Ground: Power supply return and signal reference.
SUS
8
7
Suspend (Input): Logic high turns off internal circuits to reduce supply
current.
OE#
9
9
Output Enable (Input): Active-low system interface input signal from logic
controller. Logic low causes transceiver to transmit data onto the bus. Logic
high causes the transceiver to receive data from the bus.
D–
10
10
USB Differential Data Line – (Input/Output)
D+
11
11
USB Differential Data Line + (Input/Output)
VTRM
12
12
Termination Supply (Output): 3.3V speed termination resistor supply output.
VBUS
14
14
USB Supply Voltage (Input): Transceiver supply.
Pin Configuration
2
SPD
3
RCV
4
VP
5
VM
6
NC
7
GND
1
VIF
VBUS
14
NC
13
VTRM
12
D+
11
D–
10
OE#
9
8
SUS
14-Pin TSSOP (TM)
1
2
3
4
12
11
10
9
16 15 14 13
5678
SPD
RCV
VP
VM
VTRM
D+
D–
OE#
16-Pin MLF™ (ML)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com