Electronic Components Datasheet Search
  English  ▼

X  

MIC2571 Datasheet(PDF) 10 Page - MIC GROUP RECTIFIERS

Part # MIC2571
Description  Single-Cell Switching Regulator Final Information
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC2571 Datasheet(HTML) 10 Page - MIC GROUP RECTIFIERS

Back Button MIC2571 Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC2571 Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC2571 Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC2571 Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC2571 Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC2571 Datasheet HTML 9Page - MIC GROUP RECTIFIERS MIC2571 Datasheet HTML 10Page - MIC GROUP RECTIFIERS MIC2571 Datasheet HTML 11Page - MIC GROUP RECTIFIERS MIC2571 Datasheet HTML 12Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MIC2571
Micrel
MIC2571
10
1997
GND
5V
SW
MIC2571
SYNC
U1 Micrel
MIC2571-1BMM
C1 Sprague
594D476X0016C2T Tantalum ESR = 0.11
Ω
C2 Sprague
594D476X0016C2T Tantalum ESR = 0.11
Ω
C3 Sprague
594D476X0016C2T Tantalum ESR = 0.11
Ω
C4 Sprague
594D476X0016C2T Tantalum ESR = 0.11
Ω
D1 Motorola
MBR0530T1
D2 Motorola
MBR0530T1
D3 Motorola
MBR0530T1
L1
Coilcraft
DO1608C-154 DCR = 1.7
Ω
7
4
1
2
8
IN
C2
47µF
16V
VOUT/+IOUT
5V/2mA
1V to 1.5V
1 Cell
C1*
47µF
16V
D1
MBR0530
L1
150µH
* Needed if battery is more than 4" away from MIC2571
C3
47µF
16V
D2
MBR0530
D3
MBR0530
R1
220k
C4
47µF
16V
–VOUT/–IOUT
–5V/2mA
–IOUT ≤ +IOUT
Example 4.
±5V/2mA Regulator
GND
5V
SW
MIC2571
SYNC
U1 Micrel
MIC2571-1BMM
C1 AVX
TPSD107M010R0100 Tantalum ESR = 0.1
Ω
C2 AVX
TPSD107M010R0100 Tantalum ESR = 0.1
Ω
D1 Motorola
MBRA140T3
L1
Coilcraft
DO3308P-473 DCR = 0.32
Ω
7
4
1
2
8
IN
C2
100µF
10V
VOUT
5V/15mA
1V to 1.5V
1 Cell
C1
100µF
10V
D1
MBRA140
L1
47µH
R1
51k
Q1
2N3906
Minimum Start-Up Supply Voltage
VIN = 1V, ILOAD = 0A
V
IN = 1.2V, ILOAD = 15mA
Example 5. 5V/15mA Regulator
GND
FB
SW
MIC2571
SYNC
U1 Micrel
MIC2571-2BM
C1 Sprague
594D476X0016C2T Tantalum ESR = 0.11
Ω
C2 Sprague
594D156X0025C2T Tantalum ESR = 0.22
Ω
C3 Sprague
594D156X0025C2T Tantalum ESR = 0.22
Ω
D1 Motorola
MBR0530T1
D2 Motorola
MBR0530T1
L1
Coilcraft
DO1608C-154 DCR = 1.7
Ω
7
6
1
2
8
IN
C2
0.1µF
C1
47µF
16V
D3
1N4148
L1
150µH
R2
1.1M
1.1%
R1
20k
1%
1V to 1.5V
1 Cell
R3
220k
C2
15µF
25V
–VOUT
–12V/2mA
D2
MBR0530
D1
MBR0530
C1
15µF
25V
–VOUT = – 0.22V
(1+R2/R1) + 0.6V
Example 6. –12V/2mA Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com