Electronic Components Datasheet Search
  English  ▼

X  

MIC3839 Datasheet(PDF) 5 Page - MIC GROUP RECTIFIERS

Part # MIC3839
Description  Flexible Push-Pull PWM Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC3839 Datasheet(HTML) 5 Page - MIC GROUP RECTIFIERS

  MIC3839 Datasheet HTML 1Page - MIC GROUP RECTIFIERS MIC3839 Datasheet HTML 2Page - MIC GROUP RECTIFIERS MIC3839 Datasheet HTML 3Page - MIC GROUP RECTIFIERS MIC3839 Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC3839 Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC3839 Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC3839 Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC3839 Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC3839 Datasheet HTML 9Page - MIC GROUP RECTIFIERS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
April 2005
5
MIC3838/3839
MIC3838/3839
Micrel
Parameter
Condition
Min
Typ
Max
Units
Undervoltage Lockout Section
Start Threshold
MIC3838, Note 11
11.5
12.5
13.5
V
MIC3839
4.1
4.3
4.5
V
Minimum Operating Voltage
MIC3838
7.6
8.3
9
V
After Start
MIC3839
3.9
4.1
4.3
V
Hysteresis
MIC3838
3.5
4.2
5.1
V
MIC3839
0.1
0.2
0.3
V
Soft Start Section
COMP Rise Time
FB = 1.8V, Rise from 0.5V to 3V
2.5
20
ms
Overall Section
Startup Current
VDD < Start Threshold (MIC3839)
130
260
µA
Operating Supply Current
FB = 0V, Ramp = ILIM = 0V, Notes 11, 12
1.5
2
mA
VDD Zener Shunt Voltage
IDD = 10mA, Note 13
13
14
15
V
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
Note 4.
Maximum operating voltage is equal to the VDD (zener) shunt voltage. When operating at or near the shunt voltage, care must be taken to limit
the VDD pin current less than the 20mA VDD maximum current rating.
Note 5.
Specification for packaged product only.
Note 6.
Measured at RC.
Note 7.
COMP pin is internally clamped to 3.65V(typ.). COMP pin source current is measured at VCOMP = 3.0V to avoid interferring with clamp.
Minimum source current is higher as VCOMP approaches VCLAMP.
Note 8.
Gain is defined by A =
∆
∆
V
V
COMP
CS
, 0 ≤ VCS ≤ 0.4V.
Note 9.
Parameter measured at trip point of latch with FB at 0V
Note 10. The internal current sink on the Ramp and ILIM pin are designed to discharge an external filter capacitor. It is not intended to be a DC sink
path. Internal discharge FET should be able to discharge the Volt-Sec clamp and feed-forward circuits in the figure below within 50ns.
Note 11. For MIC3838, set VDD above the start threshold before setting at 10V.
Note 12. Does not include current in the external oscillator network.
Note 13. Start threshold and Zener Shunt threshold track one another.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com