Electronic Components Datasheet Search
  English  ▼

X  

MIC4043 Datasheet(PDF) 3 Page - MIC GROUP RECTIFIERS

Part # MIC4043
Description  Low-Voltage Secondary-Side Shunt Regulator Final Information
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC4043 Datasheet(HTML) 3 Page - MIC GROUP RECTIFIERS

  MIC4043 Datasheet HTML 1Page - MIC GROUP RECTIFIERS MIC4043 Datasheet HTML 2Page - MIC GROUP RECTIFIERS MIC4043 Datasheet HTML 3Page - MIC GROUP RECTIFIERS MIC4043 Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC4043 Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC4043 Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC4043 Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC4043 Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC4043 Datasheet HTML 9Page - MIC GROUP RECTIFIERS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
November 2000
3
MIC4043
MIC4043
Micrel
Electrical Characteristics
T
A = 25°C, bold values indicate –40°C ≤ TA ≤ +85°C; unless noted
Parameter
Condition
Min
Typ
Max
Units
Reference Voltage, Note 4
1.245
V
Reference Voltage Tolerance
±1%
±2
%
Supply Current
I
SNK = 0mA
35
65
µA
70
µA
Transconductance
1mA < I
SNK < 15mA
3.5
150
S
∆I
SINK/∆VIN
2
S
Output Transistor
I
SNK = 15mA
160
250
mV
Saturation Voltage
400
mV
Output Leakage
V
SNK = 5V, output transistor off
0.5
µA
1
µA
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF. Machine model, 200pF.
Note 4.
Reference voltage is not referenced to ground. The reference is between pins IN and FB.
Test Circuits
IN
R
A
1k
R1
R2
33k
C1*
50
Ω
R3
GND FB
SNK
OUT
RETURN
MIC4043
Floating
Bench
Supply
R
R
OUTPUT
R
A
A
A
* Compensation element
Do Not Ground!
Analyzer
V
T
U
O
1
R2
R
V
8
.
1k
2
7k
3
3
V
5
.
2k
3
3k
3
3
V
3
.
3k
0
2k
3
3
3
R
k
0
2
k
0
4
k
0
15
1
C
0.001
µF
0.001
µF
0.001
µF
Test Circuit 1. Compensation (Bode Plot) Circuit
IN
1k
R1
R2
33k
R3
C1
GND FB
SNK
OUT
RETURN
MIC4043
Supply
* Compensation components
Test Circuit 2. Transient Response Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com