Electronic Components Datasheet Search
  English  ▼

X  

MIC4100 Datasheet(PDF) 5 Page - MIC GROUP RECTIFIERS

Part # MIC4100
Description  100V Half Bridge MOSFET Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC4100 Datasheet(HTML) 5 Page - MIC GROUP RECTIFIERS

  MIC4100_11 Datasheet HTML 1Page - MIC GROUP RECTIFIERS MIC4100_11 Datasheet HTML 2Page - MIC GROUP RECTIFIERS MIC4100_11 Datasheet HTML 3Page - MIC GROUP RECTIFIERS MIC4100_11 Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC4100_11 Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC4100_11 Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC4100_11 Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC4100_11 Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC4100_11 Datasheet HTML 9Page - MIC GROUP RECTIFIERS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Micrel, Inc.
MIC4100/1
Parameter
Symbol
Condition
Min
Typ
Max
Units
Switching Specifications
Lower
Turn-Off
Propagation
Delay (LI Falling to LO Falling)
tLPHL
(MIC4100)
27
45
ns
Upper
Turn-Off
Propagation
Delay (HI Falling to HO Falling)
tHPHL
(MIC4100)
27
45
ns
Lower
Turn-On
Propagation
Delay (LI Rising to LO Rising)
tLPLH
(MIC4100)
27
45
ns
Upper
Turn-On
Propagation
Delay (HI Rising to HO Rising)
tHPLH
(MIC4100)
27
45
ns
Lower
Turn-Off
Propagation
Delay (LI Falling to LO Falling)
tLPHL
(MIC4101)
31
55
ns
Upper
Turn-Off
Propagation
Delay (HI Falling to HO Falling)
tHPHL
(MIC4101)
31
55
ns
Lower
Turn-On
Propagation
Delay (LI Rising to LO Rising)
tLPLH
(MIC4101)
31
55
ns
Upper
Turn-On
Propagation
Delay (HI Rising to HO Rising)
tHPLH
(MIC4101)
31
55
ns
Delay Matching: Lower Turn-On
and Upper Turn-Off
tMON
3
8
10
ns
Delay Matching: Lower Turn-Off
and Upper Turn-On
tMOFF
3
8
10
ns
Either Output Rise/Fall Time
tRC , tFC
CL = 1000pF
10
ns
Either Output Rise/Fall Time
(3V to 9V)
tR , tF
CL = 0.1µF
0.4
0.6
0.8
µs
Minimum Input Pulse Width that
Changes the Output
tPW
Note 6
50
ns
Bootstrap Diode Turn-On or
Turn-Off Time
tBS
10
ns
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k
Ω in series with 100pF.
4. Specification for packaged product only.
5. All voltages relative to pin7, VSS unless otherwise specified
6. Guaranteed by design. Not production tested.
March 2006
5
M9999-031506



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com