Electronic Components Datasheet Search
  English  ▼

X  

MIC4100BM Datasheet(PDF) 11 Page - MIC GROUP RECTIFIERS

Part # MIC4100BM
Description  100V Half Bridge MOSFET Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC4100BM Datasheet(HTML) 11 Page - MIC GROUP RECTIFIERS

Back Button MIC4100BM Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC4100BM Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC4100BM Datasheet HTML 9Page - MIC GROUP RECTIFIERS MIC4100BM Datasheet HTML 10Page - MIC GROUP RECTIFIERS MIC4100BM Datasheet HTML 11Page - MIC GROUP RECTIFIERS MIC4100BM Datasheet HTML 12Page - MIC GROUP RECTIFIERS MIC4100BM Datasheet HTML 13Page - MIC GROUP RECTIFIERS MIC4100BM Datasheet HTML 14Page - MIC GROUP RECTIFIERS MIC4100BM Datasheet HTML 15Page - MIC GROUP RECTIFIERS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Micrel, Inc.
MIC4100/1
March 2006
11
M9999-031506
Vss
Vdd
LO
External
FET
Figure 3
High-Side Driver and Bootstrap Circuit
A block diagram of the high-side driver and bootstrap
circuit is shown in Figure 4. This driver is designed to drive
a floating N-channel MOSFET, whose source terminal is
referenced to the HS pin.
HS
Vdd
HO
External
FET
HB
CB
Figure 4
A low power, high speed, level shifting circuit isolates the
low side (VSS pin) referenced circuitry from the high-side
(HS pin) referenced driver. Power to the high-side driver
and UVLO circuit is supplied by the bootstrap circuit while
the voltage level of the HS pin is shifted high.
The bootstrap circuit consists of an internal diode and
external capacitor, CB. In a typical application, such as the
synchronous buck converter shown in Figure 5, the HS pin
is at ground potential while the low-side MOSFET is on.
The internal diode allows capacitor CB to charge up to
Vdd-Vd during this time (where Vd is the forward voltage
drop of the internal diode). After the low-side MOSFET is
turned off and the HO pin turns on, the voltage across
capacitor CB is applied to the gate of the upper external
MOSFET. As the upper MOSFET turns on, voltage on the
HS pin rises with the source of the high-side MOSFET until
it reaches Vin. As the HS and HB pin rise, the internal
diode is reverse biased preventing capacitor CB from
discharging.
HS
HB
HO
Vdd
C
B
LO
Level
shift
HI
LI
Vss
Vin
Vout
Cout
Lout
C
VDD
Q1
Q2
Figure 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com