Electronic Components Datasheet Search
  English  ▼

X  

PC3ST21NSZ Datasheet(PDF) 5 Page - Sharp Corporation

Part # PC3ST21NSZ
Description  VDRM : 600V, Zero cross type DIP 4pin Phototriac Coupler for triggering
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC3ST21NSZ Datasheet(HTML) 5 Page - Sharp Corporation

  PC3ST21NSZ Datasheet HTML 1Page - Sharp Corporation PC3ST21NSZ Datasheet HTML 2Page - Sharp Corporation PC3ST21NSZ Datasheet HTML 3Page - Sharp Corporation PC3ST21NSZ Datasheet HTML 4Page - Sharp Corporation PC3ST21NSZ Datasheet HTML 5Page - Sharp Corporation PC3ST21NSZ Datasheet HTML 6Page - Sharp Corporation PC3ST21NSZ Datasheet HTML 7Page - Sharp Corporation PC3ST21NSZ Datasheet HTML 8Page - Sharp Corporation PC3ST21NSZ Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Lead Form
Shipping Package
DIN
EN60747-5-2
Model No.
Through-Hole
PC3ST21NSZCF
-
MAX.5
MAX.7
Sleeve
100pcs/sleeve
-
Approved
Wide Through-Hole
PC3ST21NFZCF
-
-
Approved
SMT Gullwing
PC3ST21NIZCF
-
-
PC3ST21NSZBF
-
PC3ST21NFZBF
-
PC3ST21NIZBF
-
Approved
C
B
IFT[mA]
(VD
=4V,
RL
=100Ω)
Rank mark
Lead Form
Shipping Package
DIN
EN60747-5-2
Model No.
Wide SMT Gullwing
PC3ST21NUZCF
-
MAX.5
MAX.7
Taping
2 000pcs/reel
Sleeve
100pcs/sleeve
-
Approved
SMT Gullwing
PC3ST21NIPCF
-
-
Approved
Wide SMT Gullwing
PC3ST21NUPCF
-
-
PC3ST21NUZBF
-
PC3ST21NIPBF
-
PC3ST21NUPBF
-
Approved
C
B
IFT[mA]
(VD
=4V,
RL
=100Ω)
Rank mark
5
Please contact a local SHARP sales representative to inquire about production status.
PC3ST21NSZ Series
Sheet No.: D2-A07101EN
■ Model Line-up (1) (Lead-free components)
■ Model Line-up (2) (Lead solder plating components)
Lead Form
Shipping Package
DIN
EN60747-5-2
Model No.
Through-Hole
PC3ST21NSZC
-
MAX.5
MAX.7
Sleeve
100pcs/sleeve
-
Approved
Wide Through-Hole
PC3ST21NFZC
-
-
Approved
SMT Gullwing
PC3ST21NIZC
-
-
PC3ST21NSZB
-
PC3ST21NFZB
-
PC3ST21NIZB
-
Approved
C
B
IFT[mA]
(VD
=4V,
RL
=100Ω)
Rank mark
Lead Form
Shipping Package
DIN
EN60747-5-2
Model No.
Wide SMT Gullwing
PC3ST21NUZC
-
MAX.5
MAX.7
Taping
2 000pcs/reel
Sleeve
100pcs/sleeve
-
Approved
SMT Gullwing
PC3ST21NIPC
-
-
Approved
Wide SMT Gullwing
PC3ST21NUPC
-
-
PC3ST21NUZB
-
PC3ST21NIPB
-
PC3ST21NUPB
-
Approved
C
B
IFT[mA]
(VD
=4V,
RL
=100Ω)
Rank mark



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com