Electronic Components Datasheet Search
  English  ▼

X  

MIC4422 Datasheet(PDF) 6 Page - MIC GROUP RECTIFIERS

Part # MIC4422
Description  9A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC4422 Datasheet(HTML) 6 Page - MIC GROUP RECTIFIERS

Back Button MIC4422 Datasheet HTML 2Page - MIC GROUP RECTIFIERS MIC4422 Datasheet HTML 3Page - MIC GROUP RECTIFIERS MIC4422 Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC4422 Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC4422 Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC4422 Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC4422 Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC4422 Datasheet HTML 9Page - MIC GROUP RECTIFIERS MIC4422 Datasheet HTML 10Page - MIC GROUP RECTIFIERS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MIC4421/4422
Micrel, Inc.
M9999-081005
6
August 2005
4
6
8
10 12 14 16 18
50
40
30
20
0
SUPPLY VOLTAGE (V)
Propagation Delay
vs. Supply Voltage
10
tD2
tD1
0
2
4
6
8
10
120
110
100
70
60
50
40
30
20
10
0
INPUT (V)
Propagation Delay
vs. Input Amplitude
80
90
tD2
tD1
VS = 10V
-40
0
40
80
120
1000
100
10
TEMPERATURE (°C)
Quiescent Supply Current
vs. Temperature
INPUT = 0
INPUT = 1
VS = 18V
4
6
8
10 12 14 16 18
2.4
2.2
2.0
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
SUPPLY VOLTAGE (V)
High-State Output Resist.
vs. Supply Voltage
1.6
1.8
TJ = 25°C
TJ = 150°C
4
6
8
10 12 14 16 18
2.4
2.2
2.0
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
SUPPLY VOLTAGE (V)
Low-State Output Resist.
vs. Supply Voltage
1.6
1.8
TJ = 25°C
TJ = 150°C
-40
0
40
80
120
50
40
30
20
10
0
TEMPERATURE (°C)
Propagation Delay
vs. Temperature
tD2
tD1
Typical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com