Electronic Components Datasheet Search
  English  ▼

X  

MIC4423 Datasheet(PDF) 5 Page - MIC GROUP RECTIFIERS

Part # MIC4423
Description  Dual 3A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC4423 Datasheet(HTML) 5 Page - MIC GROUP RECTIFIERS

  MIC4423 Datasheet HTML 1Page - MIC GROUP RECTIFIERS MIC4423 Datasheet HTML 2Page - MIC GROUP RECTIFIERS MIC4423 Datasheet HTML 3Page - MIC GROUP RECTIFIERS MIC4423 Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC4423 Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC4423 Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC4423 Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC4423 Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC4423 Datasheet HTML 9Page - MIC GROUP RECTIFIERS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
July 2005
5
MIC4423/4424/4425
MIC4423/4424/4425
Micrel, Inc.
Typical Characteristic Curves
0
20
40
60
80
100
4
6
8
10 12 14 16 18
VSUPPLY (V)
Rise Time vs.
Supply Voltage
4700pF
2200pF
1800pF
1000pF
470pF
3300pF
0
20
40
60
80
100
4
6
8 10 12 14 16 18
VSUPPLY (V)
Fall Time vs.
Supply Voltage
1000pF
1800pF
2200pF
3300pF
4700pF
470pF
0
20
40
60
80
100
100
1000
10000
CLOAD (pF)
Rise Time
vs. Capacitive Load
5V
12V
18V
0
20
40
60
80
100
100
1000
10000
CLOAD (pF)
Fall Time vs.
Capacitive Load
5V
18V
12V
0
10
20
30
40
-75
-30
15
60
105
150
JUNCTION TEMPERATURE (˚C)
Rise and Fall Time
vs. Temperature
T
R
TF
VS = 18V
CLOAD = 1800pF
0
10
20
30
40
50
0
2
4
6
8
10
12
INPUT (V)
Propagation Delay vs.
Input Amplitude
VS = 18V
CLOAD = 1800pF
TD1
TD2
0
10
20
30
40
50
60
70
80
90
100
100
1000
10000
CLOAD (pF)
Supply Current vs.
Capacitive Load
VSUPPLY = 18V
20kHz
100kHz
500kHz
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
FREQUENCY (kHz)
Supply Current
vs. Frequency
VSUPPLY = 18V
1000pF
3300pF
10000pF
100pF
0
10
20
30
40
50
60
70
80
90
100
100
1000
10000
CLOAD (pF)
Supply Current vs.
Capacitive Load
VSUPPLY = 12V
20kHz
100kHz
500kHz
2MHz
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
FREQUENCY (kHz)
Supply Current
vs. Frequency
VSUPPLY = 12V
10000pF
1000pF
100pF
3300pF
0
10
20
30
40
50
60
70
80
90
100
100
1000
10000
CLOAD (pF)
Supply Current vs.
Capacitive Load
VSUPPLY = 5V
100kHz
500kHz
2MHz
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
FREQUENCY (kHz)
Supply Current
vs. Frequency
VSUPPLY = 5V
1000pF
2200pF
10000pF
100pF
4700pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com