Electronic Components Datasheet Search
  English  ▼

X  

MIC4424 Datasheet(PDF) 2 Page - MIC GROUP RECTIFIERS

Part # MIC4424
Description  Dual 3A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC4424 Datasheet(HTML) 2 Page - MIC GROUP RECTIFIERS

  MIC4424 Datasheet HTML 1Page - MIC GROUP RECTIFIERS MIC4424 Datasheet HTML 2Page - MIC GROUP RECTIFIERS MIC4424 Datasheet HTML 3Page - MIC GROUP RECTIFIERS MIC4424 Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC4424 Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC4424 Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC4424 Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC4424 Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC4424 Datasheet HTML 9Page - MIC GROUP RECTIFIERS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MIC4423/4424/4425
Micrel, Inc.
MIC4423/4424/4425
2
July 2005
Ordering Information
Part Number
Temperatre
Range
Package
Configuration
Standard
Pb-Free
MIC4423CWM
MIC4423ZWM
0°C to +70°C
16-pin Wide SOIC
Dual Inverting
MIC4423BWM
MIC4423YWM
–40°C to +85°C
16-pin Wide SOIC
Dual Inverting
MIC4423BM
MIC4423YM
–40°C to +85°C
8-pin SOIC
Dual Inverting
MIC4423CN
MIC4423ZN
0°C to +70°C
8-pin Plastic DIP
Dual Inverting
MIC4423BN
MIC4423YN
–40°C to +85°C
8-pin Plastic DIP
Dual Inverting
MIC4424CWM
MIC4424ZWM
0°C to +70°C
16-pin Wide SOIC
Dual Non-Inverting
MIC4424BWM
MIC4424YWM
–40°C to +85°C
16-pin Wide SOIC
Dual Non-Inverting
MIC4424BM
MIC4424YM
–40°C to +85°C
8-pin SOIC
Dual Non-Inverting
MIC4424CN
MIC4424ZN
0°C to +70°C
8-pin Plastic DIP
Dual Non-Inverting
MIC4424BN
MIC4424YN
–40°C to +85°C
8-pin Plastic DIP
Dual Non-Inverting
MIC4425CWM
MIC4425ZWM
0°C to +70°C
16-pin Wide SOIC
Inverting + Non-Inverting
MIC4425BWM
MIC4425YWM
–40°C to +85°C
16-pin Wide SOIC
Inverting + Non-Inverting
MIC4425BM
MIC4425YM
–40°C to +85°C
8-pin SOIC
Inverting + Non-Inverting
MIC4425CN
Contact Factory
0°C to +70°C
8-pin Plastic DIP
Inverting + Non-Inverting
MIC4425BN
MIC4425YN
–40°C to +85°C
8-pin Plastic DIP
Inverting + Non-Inverting
Pin Configuration
8
NC
2
INA
OUTA
14
3
NC
V S
13
4
GND
V S
12
5
GND
OUTB
11
6
NC
OUTB
10
7
INB
NC
9
1
NC
OUTA
15
NC
16
1
2
3
4
8
7
6
5
NC
INA
GND
INB
NC
OUTA
VS
OUTB
8-pin DIP (N)
8-pin SOIC (M)
16-pin Wide SOIC (WM)
A
B
7 OUTA
5 OUTB
INA 2
INB 4
MIC4423xN/M
MIC4424xN/M
MIC4425xN/M
A
B
7 OUTA
5 OUTB
INA 2
INB 4
A
B
7 OUTA
5 OUTB
INA 2
INB 4
A
B
14 OUTA
15 OUTA
10 OUTB
11 OUTB
INA 2
INB 7
MIC4423xWM
A
B
14 OUTA
15 OUTA
10 OUTB
11 OUTB
INA 2
INB 7
A
B
14 OUTA
15 OUTA
10 OUTB
11 OUTB
INA 2
INB 7
MIC4423xWM
MIC4423xWM
WM Package Note:
Duplicate GND, VS, OUTA,
and OUTB pins must be
externally connected together.
Driver Configuration
Pin Description
Pin Number
Pin Number
Pin Name
Pin Function
DIP, SOIC
Wide SOIC
2 / 4
2 / 7
INA/B
Control Input
3
4, 5
GND
Ground: Duplicate pins must be externally connected together.
6
12, 13
V
S
Supply Input: Duplicate pins must be externally connected together.
7 / 5
14, 15 / 10, 11
OUTA/B
Output: Duplicate pins must be externally connected together.
1, 8
1, 3, 6, 8, 9, 16
NC
not connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com