Electronic Components Datasheet Search
  English  ▼

X  

MIC4422ACM Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # MIC4422ACM
Description  High peak-output current: 9A Peak (typ.)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC4422ACM Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  MIC4422ACM Datasheet HTML 1Page - MIC GROUP RECTIFIERS MIC4422ACM Datasheet HTML 2Page - MIC GROUP RECTIFIERS MIC4422ACM Datasheet HTML 3Page - MIC GROUP RECTIFIERS MIC4422ACM Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC4422ACM Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC4422ACM Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC4422ACM Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC4422ACM Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC4422ACM Datasheet HTML 9Page - MIC GROUP RECTIFIERS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MIC4421A/4422A
9A Peak Low-Side MOSFET Driver
Bipolar/CMOS/DMOS Process
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
June 2007
M9999-062707
General Description
MIC4421A and MIC4422A MOSFET drivers are rugged,
efficient, and easy to use. The MIC4421A is an inverting
driver, while the MIC4422A is a non-inverting driver.
Both versions are capable of 9A (peak) output and can
drive the largest MOSFETs with an improved safe
operating margin. The MIC4421A/4422A accepts any logic
input from 2.4V to VS without external speed-up capacitors
or resistor networks. Proprietary circuits allow the input to
swing negative by as much as 5V without damaging the
part. Additional circuits protect against damage from
electrostatic discharge.
MIC4421A/4422A drivers can replace three or more
discrete components, reducing PCB area requirements,
simplifying product design, and reducing assembly cost.
Modern Bipolar/CMOS/DMOS construction guarantees
freedom from latch-up. The rail-to-rail swing capability of
CMOS/DMOS insures adequate gate voltage to the
MOSFET during power up/down sequencing. Since these
devices are fabricated on a self-aligned process, they have
very low crossover current, run cool, use little power, and
are easy to drive.
Data sheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• High peak-output current: 9A Peak (typ.)
• Wide operating range: 4.5V to 18V (typ.)
• Minimum pulse width: 50ns
• Latch-up proof: fully isolated process is inherently
immune to any latch-up
• Input will withstand negative swing of up to 5V
• High capacitive load drive: 47,000pF
• Low delay time: 15ns (typ.)
• Logic high input for any voltage from 2.4V to VS
• Low equivalent input capacitance: 7pF (typ.)
• Low supply current: 500µA (typ.)
• Output voltage swing to within 25mV of GND or VS
Applications
• Switch mode power supplies
• Motor controls
• Pulse transformer driver
• Class-D switching amplifiers
• Line drivers
• Driving MOSFET or IGBT parallel chip modules
• Local power ON/OFF switch
• Pulse generators
___________________________________________________________________________________________________________
Typical Application
On
Off
VS
OUT
OUT
MIC4422A
1µF
Si9410DY*
N-Channel
MOSFET
Load
Voltage
6
17
0.1µF
VS
GND
IN
8
2
4,5
VS
+15V
0.1µF
* Siliconix 30m, 7A max.
† Load voltage limited by MOSFET drain-to-source rating
Low-Side Power Switch


Similar Part No. - MIC4422ACM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4422ACM MICREL-MIC4422ACM Datasheet
393Kb / 13P
9A Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
More results

Similar Description - MIC4422ACM

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXGD3001E6 ZETEX-ZXGD3001E6 Datasheet
437Kb / 8P
9A(peak) Gate driver
logo
Advanced Monolithic Sys...
AMS1073 AMS-AMS1073 Datasheet
498Kb / 6P
1.2A Peak Output Current
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-315J-500E AVAGO-HCPL-315J-500E Datasheet
242Kb / 21P
0.6A maximum peak output current 0.5 A minimum peak output current
logo
M.S. Kennedy Corporatio...
MSK0021FP MSK-MSK0021FP_15 Datasheet
185Kb / 8P
High Output Current - 2 Amps Peak
MSK0041 MSK-MSK0041_15 Datasheet
169Kb / 7P
Output Current - 0.5 Amps Peak
MSK541 MSK-MSK541_15 Datasheet
246Kb / 8P
High Output Current - 10 Amps Peak
MSK2541 MSK-MSK2541_15 Datasheet
191Kb / 7P
High Output Current - 10 Amps Peak
logo
IXYS Corporation
IX3120 IXYS-IX3120 Datasheet
263Kb / 12P
2.5A Maximum Peak Output Current
IXD_609 IXYS-IXD_609 Datasheet
322Kb / 14P
9A Peak Source/Sink Drive Current
logo
Broadcom Corporation.
ACPL-P340 BOARDCOM-ACPL-P340 Datasheet
777Kb / 19P
1.0A maximum peak output current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com