Electronic Components Datasheet Search
  English  ▼

X  

MIC4423CWM Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # MIC4423CWM
Description  Dual 3A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC4423CWM Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  MIC4423CWM Datasheet HTML 1Page - MIC GROUP RECTIFIERS MIC4423CWM Datasheet HTML 2Page - MIC GROUP RECTIFIERS MIC4423CWM Datasheet HTML 3Page - MIC GROUP RECTIFIERS MIC4423CWM Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC4423CWM Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC4423CWM Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC4423CWM Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC4423CWM Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC4423CWM Datasheet HTML 9Page - MIC GROUP RECTIFIERS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
July 2005
1
MIC4423/4424/4425
MIC4423/4424/4425
Micrel, Inc.
INA
OUTA
INVERTING
NONINVERTING
0.1mA
0.6mA
2kΩ
INB
OUTB
INVERTING
NONINVERTING
0.1mA
0.6mA
2kΩ
VS
GND
MIC4423/4424/4425
Dual 3A-Peak Low-Side MOSFET Driver
Bipolar/CMOS/DMOS Process
Features
•
Reliable, low-power bipolar/CMOS/DMOS construction
•
Latch-up protected to >500mA reverse current
•
Logic input withstands swing to –5V
•
High 3A-peak output current
•
Wide 4.5V to 18V operating range
•
Drives 1800pF capacitance in 25ns
•
Short <40ns typical delay time
•
Delay times consistent with in supply voltage change
•
Matched rise and fall times
•
TTL logic input independent of supply voltage
•
Low equivalent 6pF input capacitance
•
Low supply current
3.5mA with logic-1 input
350µA with logic-0 input
•
Low 3.5Ω typical output impedance
•
Output voltage swings within 25mV of ground or V
S.
•
‘426/7/8-, ‘1426/7/8-, ‘4426/7/8-compatible pinout
•
Inverting, noninverting, and differential configurations
General Description
The MIC4423/4424/4425 family are highly reliable BiCMOS/
DMOS buffer/driver/MOSFET drivers. They are higher out-
put current versions of the MIC4426/4427/4428, which are
improved versions of the MIC426/427/428. All three families
are pin-compatible. The MIC4423/4424/4425 drivers are ca-
pable of giving reliable service in more demanding electrical
environments than their predecessors. They will not latch
under any conditions within their power and voltage ratings.
They can survive up to 5V of noise spiking, of either polarity,
on the ground pin. They can accept, without either damage
or logic upset, up to half an amp of reverse current (either
polarity) forced back into their outputs.
TheMIC4423/4424/4425seriesdriversareeasiertouse,more
flexible in operation, and more forgiving than other CMOS
or bipolar drivers currently available. Their BiCMOS/DMOS
construction dissipates minimum power and provides rail-to-
rail voltage swings.
Primarily intended for driving power MOSFETs, the
MIC4423/4424/4425driversaresuitablefordrivingotherloads
(capacitive, resistive, or inductive) which require low-imped-
ance, high peak currents, and fast switching times. Heavily
loadedclocklines,coaxialcables,orpiezoelectrictransducers
are some examples. The only known limitation on loading is
that total power dissipated in the driver must be kept within
the maximum power dissipation limits of the package.
Note: See MIC4123/4124/4125 for high power and narrow
pulse applications.
Functional Diagram
Integrated Component Count:
4 Resistors
4 Capacitors
52 Transistors
Ground Unused Inputs
Micrel, Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com


Similar Part No. - MIC4423CWM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4423CWM MICREL-MIC4423CWM Datasheet
117Kb / 12P
Dual 3A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4423CWM MICREL-MIC4423CWM Datasheet
218Kb / 13P
Dual 3A-Peak Low-Side MOSFET Driver
More results

Similar Description - MIC4423CWM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4421 MICREL-MIC4421 Datasheet
110Kb / 10P
9A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4423 MICREL-MIC4423 Datasheet
117Kb / 12P
Dual 3A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4451 MICREL-MIC4451 Datasheet
105Kb / 10P
12A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Sensitron
SHD850001 SENSITRON-SHD850001 Datasheet
43Kb / 3P
6A-Peak Low Side MOSFET Driver Bipolar/CMOS/DMOS Process
SHD850003D SENSITRON-SHD850003D Datasheet
57Kb / 3P
3A-Peak Low Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Micrel Semiconductor
MIC4421A MICREL-MIC4421A Datasheet
393Kb / 13P
9A Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4120 MICREL-MIC4120_10 Datasheet
458Kb / 10P
6A-Peak Low-Side Mosfet Driver Bipolar/CMOS/DMOS Process
logo
MIC GROUP RECTIFIERS
MIC4123 MIC-MIC4123_11 Datasheet
364Kb / 11P
Dual 3A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4420 MIC-MIC4420_11 Datasheet
231Kb / 12P
6A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4421 MIC-MIC4421_11 Datasheet
241Kb / 12P
9A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com