Electronic Components Datasheet Search
  English  ▼

X  

MIC4423BWM Datasheet(PDF) 3 Page - MIC GROUP RECTIFIERS

Part # MIC4423BWM
Description  Dual 3A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC4423BWM Datasheet(HTML) 3 Page - MIC GROUP RECTIFIERS

  MIC4423BWM Datasheet HTML 1Page - MIC GROUP RECTIFIERS MIC4423BWM Datasheet HTML 2Page - MIC GROUP RECTIFIERS MIC4423BWM Datasheet HTML 3Page - MIC GROUP RECTIFIERS MIC4423BWM Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC4423BWM Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC4423BWM Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC4423BWM Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC4423BWM Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC4423BWM Datasheet HTML 9Page - MIC GROUP RECTIFIERS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
July 2005
3
MIC4423/4424/4425
MIC4423/4424/4425
Micrel, Inc.
MIC4423/4424/4425 Electrical Characteristics (Note 5)
4.5V ≤ V
S ≤ 18V; TA = 25°C, bold values indicate –40°C ≤ TA ≤ +85°C; unless noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Input
V
IH
Logic 1 Input Voltage
2.4
V
V
IL
Logic 0 Input Voltage
0.8
V
I
IN
Input Current
0V ≤ V
IN ≤ VS
–1
1
µA
–10
10
µA
Output
V
OH
High Output Voltage
V
S–0.025
V
V
OL
Low Output Voltage
0.025
V
R
O
Output Resistance HI State
I
OUT = 10mA, VS = 18V
2.8
5
Ω
V
IN = 0.8V, IOUT = 10mA, VS = 18V
3.7
8
Ω
Output Resistance LO State
I
OUT = 10mA, VS = 18V
3.5
5
Ω
V
IN = 2.4V, IOUT = 10mA, VS = 18V
4.3
8
Ω
I
PK
Peak Output Current
3
A
I
Latch-Up Protection
>500
mA
Withstand Reverse Current
Switching Time (Note 4)
t
R
Rise Time
test Figure 1, C
L = 1800pF
23
35
ns
28
60
ns
t
F
Fall Time
test Figure 1, C
L = 1800pF
25
35
ns
32
60
ns
t
D1
Delay Tlme
test Ffigure 1, C
L = 1800pF
33
75
ns
32
100
ns
t
D2
Delay Time
test Figure 1, C
L = 1800pF
38
75
ns
38
100
ns
t
PW
Pulse Width
test Figure 1
400
ns
Power Supply
I
S
Power Supply Current
V
IN = 3.0V (both inputs)
1.5
2.5
mA
2
3.5
mA
I
S
Power Supply Current
V
IN = 0.0V (both inputs)
0.15
0.25
mA
0.2
0.3
mA
Note 1. Exceeding the absolute maximum rating may damage the device.
Note 2. The device is not guaranteed to function outside its operating rating.
Note 3. Devices are ESD sensitive. Handling precautions recommended. ESD tested to human body model, 1.5k in series with 100pF.
Note 4. Switching times guaranteed by design.
Note 5. Specification for packaged product only.
Absolute Maximum Ratings (Note 1)
Supply Voltage ........................................................... +22V
Input Voltage .................................. V
S + 0.3V to GND – 5V
Junction Temperature................................................150°C
Storage Temperature Range ......................–65°C to 150°C
Lead Temperature (10 sec.) ......................................300°C
ESD Susceptability,
Note 3 ..................................... 1000V
Operating Ratings (Note 2)
Supply Voltage (V
S) ......................................+4.5V to +18V
Temperature Range
C Version ....................................................0°C to +70°C
B Version ................................................–40°C to +85°C
Package Thermal Resistance
DIP θ
JA ............................................................. 130°C/W
DIP θ
JC ............................................................... 42°C/W
Wide-SOIC θ
JA ................................................. 120°C/W
Wide-SOIC θ
JC ................................................... 75°C/W
SOIC θ
JA ........................................................... 120°C/W
SOIC θ
JC ............................................................ 75°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com