Electronic Components Datasheet Search
  English  ▼

X  

MIC4424CWM Datasheet(PDF) 6 Page - MIC GROUP RECTIFIERS

Part # MIC4424CWM
Description  Dual 3A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC4424CWM Datasheet(HTML) 6 Page - MIC GROUP RECTIFIERS

Back Button MIC4424CWM Datasheet HTML 2Page - MIC GROUP RECTIFIERS MIC4424CWM Datasheet HTML 3Page - MIC GROUP RECTIFIERS MIC4424CWM Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC4424CWM Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC4424CWM Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC4424CWM Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC4424CWM Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC4424CWM Datasheet HTML 9Page - MIC GROUP RECTIFIERS MIC4424CWM Datasheet HTML 10Page - MIC GROUP RECTIFIERS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
MIC4423/4424/4425
Micrel, Inc.
MIC4423/4424/4425
6
July 2005
0
10
20
30
40
50
60
4
6
8
10 12 14 16 18
VSUPPLY (V)
Delay Time vs.
Supply Voltage
CLOAD = 2200 pF
TD2
TD1
0.01
0.1
1
10
4
6
8
10 12 14 16 18
VSUPPLY (V)
Quiescent Sypply Current
vs. Voltage
TJ = 25˚C
BOTH INPUTS = 1
BOTH INPUTS =0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
-55 -25
5
35
65
95 125
TEMPERATURE (˚C)
Quiescent Current
vs. Temperature
VS = 10V
INPUTS = 1
INPUTS = 0
0
1
2
3
4
5
6
4
6
8
10 12 14 16 18
VSUPPLY (V)
Output Resistance (Output
High) vs. Supply Voltage
125˚C
25˚C
0
1
2
3
4
5
6
4
6
8
10 12 14 16 18
VSUPPLY (V)
Output Resistance (Output
Low) vs. Supply Voltage
125˚C
25˚C
0
10
20
30
40
50
60
-55 -25
5
35
65
95 125
TEMPERATURE (˚C)
Delay Time
vs. Temperature
CLOAD = 2200pF
TD2
TD1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com