Electronic Components Datasheet Search
  English  ▼

X  

MIC5191 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC5191
Description  Ultra High-Speed, High-Current Active Filter / LDO Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5191 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC5191 Datasheet HTML 5Page - Micrel Semiconductor MIC5191 Datasheet HTML 6Page - Micrel Semiconductor MIC5191 Datasheet HTML 7Page - Micrel Semiconductor MIC5191 Datasheet HTML 8Page - Micrel Semiconductor MIC5191 Datasheet HTML 9Page - Micrel Semiconductor MIC5191 Datasheet HTML 10Page - Micrel Semiconductor MIC5191 Datasheet HTML 11Page - Micrel Semiconductor MIC5191 Datasheet HTML 12Page - Micrel Semiconductor MIC5191 Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Micrel, Inc.
MIC5191
December 2006
9
M9999-122206
Compensation
The MIC5191 allows the flexibility of externally
controlling the gain and bandwidth. This allows the
MIC5191 design to be tailored to each individual design.
In designing the MIC5191, it is important to maintain
adequate phase margin. This is generally achieved by
having the gain cross the 0dB point with a single pole
20dB/decad roll-off. The compensation pin is configured
as Figure 3 demonstrates.
Error Amplifier
Driver
20pF
Internal
External
Comp
Figure 3. Internal Compensation
This places a pole at 2.3 kHz at 80dB and calculates as
follows.
20pF
3.42MΩ
2
1
FP
×
×
=
π
FP = 2.32kHz
-20
0
20
40
60
80
100
0.01
0.1
1
10
100
1000
10000 100000
Frequency (KHz)
-45
0
45
90
135
180
225
Figure 4. Internal Compensation
Frequency Response
There is single pole roll off. For most applications, an
output capacitor is required. The output capacitor and
load resistance create another pole. This causes a two-
pole system and can potentially cause design instability
with inadequate phase margin. What should we do?
Answer
: we compensate it externally. By providing a
dominant pole and zero–allowing the output capacitor
and load to provide the final pole–a net single pole roll
off is created, with the zero canceling the dominant pole.
Figure 5 demonstrates:
Error Amplifier
Driver
20pF
Internal
External
Comp
RCOMP
CCOMP
Figure 5. External Compensation
Placing an external capacitor (CCOMP) and resistor
(RCOMP) for the external pole-zero combination. Where
the dominant pole can be calculated as follows:
COMP
P
C
3.42MΩ
2
1
F
×
×
=
π
And the zero can be calculated as follows:
COMP
COMP
Z
C
R
2
1
F
×
×
=
π
This allows for high DC gain, and high bandwidth with
the output capacitor and the load providing the final pole.
-20
0
20
40
60
80
100
0.01
0.1
1
10
100
1000
10000 100000
Frequency (KHz)
-45
0
45
90
135
180
225
The Dominant Pole
External Zero
R
load x C out Pole
Ccomp
M
Fp
×
×42
.
3
2
1
Ccomp
Rcomp
Fz
×
×
2
1
Figure 6. External Compensation
Frequency Response
It is recommended that the gain bandwidth should be
designed to be less than 1 MHz. This is because most
capacitors lose capacitance at high frequency and
becoming resistive or inductive. This can be difficult to
compensate for and can create high frequency ringing or
worse, oscillations.
By increasing the amount of output capacitance,
transient response can be improved in multiple ways.
First, the rate of voltage drop vs. time is decreased.
Also, by increasing the output capacitor, the pole formed
by the load and the output capacitor decreases in
frequency. This allows for the increasing of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com