Electronic Components Datasheet Search
  English  ▼

X  

SC4524C Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC4524C
Description  28V 2A Step-Down Switching Regulator Wide input range: 3V to 28V
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4524C Datasheet(HTML) 1 Page - Semtech Corporation

  SC4524C Datasheet HTML 1Page - Semtech Corporation SC4524C Datasheet HTML 2Page - Semtech Corporation SC4524C Datasheet HTML 3Page - Semtech Corporation SC4524C Datasheet HTML 4Page - Semtech Corporation SC4524C Datasheet HTML 5Page - Semtech Corporation SC4524C Datasheet HTML 6Page - Semtech Corporation SC4524C Datasheet HTML 7Page - Semtech Corporation SC4524C Datasheet HTML 8Page - Semtech Corporation SC4524C Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
POWER MANAGEMENT
Dec. 2, 2010
1
28V 2A Step-Down Switching Regulator
SC4524C
Typical Application Circuit
Features
Wide input range: 3V to 28V
2A Output Current
200kHz to 2MHz Programmable Frequency
Precision 1V Feedback Voltage
Peak Current-Mode Control
Cycle-by-Cycle Current Limiting
Hiccup Overload Protection with Frequency Foldback
Soft-Start and Enable
Thermal Shutdown
Thermally Enhanced 8-pin SOIC Package
Fully RoHS and WEEE compliant
Applications
XDSL and Cable Modems
Set Top Boxes
Point of Load Applications
CPE Equipment
DSP Power Supplies
LCD and Plasma TVs
Description
The SC4524C is a constant frequency peak current-mode
step-down switching regulator capable of producing 2A
output current from an input ranging from 3V to 28V. The
switching frequency of the SC4524C is programmable
up to 2MHz, allowing the use of small inductors and
ceramic capacitors for miniaturization, and high input/
output conversion ratio. The SC4524C is suitable for
next generation XDSL modems, high-definition TVs and
various point of load applications.
Peak current-mode PWM control employed in the
SC4524C achieves fast transient response with simple loop
compensation. Cycle-by-cycle current limiting and hiccup
overload protection reduces power dissipation during
output overload. Soft-start function reduces input start-
up current and prevents the output from overshooting
during power-up.
The SC4524C is available in SOIC-8 EDP package.
Figure 1. 1MHz 10V-28V to 5V/2A Step-down Converter
Efficiency
40
45
50
55
60
65
70
75
80
85
90
0
0.5
1
1.5
2
Load Current (A)
VIN = 24V
SS270 REV 4
VIN = 12V
Fig.1 Efficiency of the 1MHz 10V-28V to 5V/2A Step-Down Converter (Front Page)
SC4524C
GND
IN
SW
BST
L1
8.2 H
C1
0.33 F
SS/EN
COMP
FB
D2
20BQ030
10.5k
R6
42.2k
10nF
C8
22pF
C5
2.2nF
L1: Coiltronics DR73-8R2
OUT
5V/2A
D1
1N4148
10V – 28V
ROSC
C2: Murata GRM31CR60J226K
C4
2.2 F
C4: Murata GRM31CR71H225K
VIN
C2
22 F
C7
R4
15.8k
R5
28.0k
R7


Similar Part No. - SC4524C

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
SC4524CSETRT SAMTEC-SC4524CSETRT Datasheet
573Kb / 22P
28V 2A Step-Down Switching Regulator
More results

Similar Description - SC4524C

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8576 MAXIM-MAX8576 Datasheet
493Kb / 18P
3V to 28V Input, Low-Cost, Hysteretic Synchronous Step-Down Controllers
Rev 1; 6/05
logo
Semtech Corporation
SC4524A SEMTECH-SC4524A Datasheet
740Kb / 18P
28V 2A Step-Down Switching Regulator
SC4525A SEMTECH-SC4525A Datasheet
780Kb / 19P
28V 3A Step-Down Switching Regulator
SC4524A SEMTECH-SC4524A_08 Datasheet
776Kb / 19P
28V 2A Step-Down Switching Regulator
SC4525C SEMTECH-SC4525C Datasheet
742Kb / 21P
28V 3A Step-Down Switching Regulator Thermal Shutdown
logo
Samtec, Inc
SC4524CSETRT SAMTEC-SC4524CSETRT Datasheet
573Kb / 22P
28V 2A Step-Down Switching Regulator
logo
Monolithic Power System...
MP2905 MPS-MP2905 Datasheet
538Kb / 16P
3V-28V Input, Hysteretic Synchronous Step-Down Controller
logo
Semtech Corporation
SC4524E SEMTECH-SC4524E Datasheet
869Kb / 23P
28V 2A Step-Down Switching Regulator
SC4525E SEMTECH-SC4525E Datasheet
941Kb / 23P
28V 3A Step-Down Switching Regulator
SC4525EM SEMTECH-SC4525EM Datasheet
1Mb / 23P
28V 3A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com