Electronic Components Datasheet Search
  English  ▼

X  

SC4524D Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC4524D
Description  18V 2A Step-Down Switching Regulator 2A Output Current
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4524D Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC4524D Datasheet HTML 8Page - Semtech Corporation SC4524D Datasheet HTML 9Page - Semtech Corporation SC4524D Datasheet HTML 10Page - Semtech Corporation SC4524D Datasheet HTML 11Page - Semtech Corporation SC4524D Datasheet HTML 12Page - Semtech Corporation SC4524D Datasheet HTML 13Page - Semtech Corporation SC4524D Datasheet HTML 14Page - Semtech Corporation SC4524D Datasheet HTML 15Page - Semtech Corporation SC4524D Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
SC4524D
12
Applications Information (Cont.)
inductor current of a buck converter directly feeds C
O,
resulting in very low ripple current. Avoid using Z5U
and Y5V ceramic capacitors for output filtering because
these types of capacitors have high temperature and high
voltage coefficients.
Freewheeling Diode
Use of Schottky barrier diodes as freewheeling rectifiers
reduces diode reverse recovery input current spikes,
easing high-side current sensing in the SC4524D. These
diodes should have an average forward current rating
at least 2A and a reverse blocking voltage of at least a
few volts higher than the input voltage. For switching
regulators operating at low duty cycles (i.e. low output
voltage to input voltage conversion ratios), it is beneficial
to use freewheeling diodes with somewhat higher
average current ratings (thus lower forward voltages). This
is because the diode conduction interval is much longer
than that of the transistor. Converter efficiency will be
improved if the voltage drop across the diode is lower.
The freewheeling diode should be placed close to the
SW pin of the SC4524D to minimize ringing due to trace
inductance. 20BQ030 (International Rectifier), B230A
(Diodes Inc.), SS13, SS23 (Vishay), CMSH1-40M, CMSH1-
40ML and CMSH2-40M (Central-Semi.) are all suitable.
The freewheeling diode should be placed close to the SW
pin of the SC4524D on the PCB to minimize ringing due to
trace inductance.
Bootstrapping the Power Transistor
The typical minimum BST-SW voltage required to fully
saturate the power transistor is shown in Figure 5, which
is about 1.96V at room temperature.
The BST-SW voltage is supplied by a bootstrap circuit
powered from either the input or the output of the
converter (Figure 6(a), 6(b) and 6(c)). To maximize
efficiency, tie the bootstrap diode to the converter output
if V
O>2.5V as shown in Figure 6(a). Since the bootstrap
supply current is proportional to the converter load
current, using a lower voltage to power the bootstrap
circuit reduces driving loss and improves efficiency.
For the bootstrap circuit, a fast switching PN diode
(such as 1N4148 or 1N914) and a small (0.33µF – 0.47µF)
ceramic capacitor is sufficient for most applications. When
bootstrapping from 2.5V to 3.0V output voltages, use a
low forward drop Schottky diode (BAT-54 or similar) for
D
1. If VOUT > 8V, then a protection diode D4 between the
SW and the BST pins will be required as shown in Figure 6
(c). D4 can be a small PN diode such as 1N4148 or 1N914
if the operating temperature does not exceed 85 ºC. Use a
small Schottky diode (BAT54 or similar) if the converter is
to operate up to 125 ºC.
.
Figure 5. Typical Minimum Bootstrap Voltage required
to Saturate Transistor (I
SW= -2.6A).
Figure 6(a). Bootstrapping the SC4524D from the
converter output
12
12
Fig.5
Minimum Bootstrap Voltage
vs Temperature
1.6
1.7
1.8
1.9
2.0
2.1
2.2
-50 -25
0
25
50
75 100 125
Temperature (oC)
SS270 REV 6-7
ISW = -2.6A
12
12
Fig.5
Minimum Bootstrap Voltage
vs Temperature
1.6
1.7
1.8
1.9
2.0
2.1
2.2
-50 -25
0
25
50
75 100 125
Temperature (oC)
SS270 REV 6-7
ISW = -2.6A
(a)
SC4524D
BST
GND
IN
SW
D1
VOUT
C1
VIN
D2
(a)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com