Electronic Components Datasheet Search
  English  ▼

X  

SMI10021 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SMI10021
Description  100-113 Gbps 10:4 Mux/CMU with Dual-DQPSK Precoder for Short Reach Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SMI10021 Datasheet(HTML) 1 Page - Semtech Corporation

  SMI10021 Datasheet HTML 1Page - Semtech Corporation SMI10021 Datasheet HTML 2Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Brief
WWW.SEMTECH.COM
SIERRA
MONOLITHICS
SMI10021
100-113 Gbps 10:4 Mux/CMU with Dual-DQPSK Precoder
for Short Reach Applications
Product Description
SMI10021 is a 10:4 Multiplexer with on chip Clock
Multiplier Unit and user enabled Dual/Single DQPSK
Precoder function that support the data rates from 100
to 113Gbps.
Product Highlights
4
Quad AC-Coupled CML Line-Side Output Ports
25.0 to 28.3 Gbps per channel
0.3 to 0.6 Volt pp SE/ 0.6 to 1.2Volt pp
Differential Output Level, Typical (adjustable for
reduced power)
11 psec (typical) Rise/Fall Times
4 psec p-p total jitter (typical)
Selectable Line-side pre-emphasis to compensate
loss due to PCB interconnect
4
High-Speed Differential Clock Outputs with Highly
Stable Clock-Data Skew and Low Jitter
Full (25 - 28.3 GHz) and Half-Rate
(12.5 - 14.15 GHz) CML Clocks
0.8 Volt pp Differential Output Level
4
Optional input reference clock rate at 1/16th
client-side baud rate (625.0 to 707.5 MHz) or 1/64th
client-side baud rate (156.25MHz to 176.875MHz)
4
Reference Clock Clean-Up PLL Circuitry
4
CAUI/MLD-compatible client-side interface
Optional SFI-S Compliant Deskew Function
Hot-plug compatible for ac-coupled inputs
Capable of dc-coupled operation with 1.2V source
termination voltages
4
On-Chip PRWS Error Checker and Pattern Generator:
27-1, 29 - 1, 211 - 1 215 - 1, 223 - 1 or 231-1
industry-standard patterns
On-chip bit and error counters for measuring BER
Parallel and lane-by-lane error checking capacities
Programmable 80-bit arbitrary pattern generator
4
SPI Control Interface
4
Temperature Sense Output Voltage
4
Power Supply Voltages: +1.2V, +1.5V and +2.8V
4
Package: Full BGA-style package
Applications
4
OTU4/100GE Modules and Transponders
4
Routers and Switches
OPTICAL TRANSPORT & DATACOM PRODUCT S


Similar Part No. - SMI10021

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SMI10031 SEMTECH-SMI10031 Datasheet
337Kb / 2P
100-113 Gbps 4:10 CDR/Demultiplexer with Dual/Single DQPSK Decoder for Short
More results

Similar Description - SMI10021

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8171 VITESSE-VSC8171 Datasheet
246Kb / 2P
SONET/SDH 16:1 Mux with CMU
logo
Analog Devices
AD8155 AD-AD8155 Datasheet
1Mb / 36P
6.5 Gbps Dual Buffer Mux/Demux
REV. 0
logo
Semtech Corporation
SMI10031 SEMTECH-SMI10031 Datasheet
337Kb / 2P
100-113 Gbps 4:10 CDR/Demultiplexer with Dual/Single DQPSK Decoder for Short
logo
Bel Fuse Inc.
SFP-1GBT-04 BEL-SFP-1GBT-04 Datasheet
369Kb / 4P
10/100 BroadR-Reach??RJ45 SFP Module
logo
Hittite Microwave Corpo...
HMC854LC5 HITTITE-HMC854LC5 Datasheet
1Mb / 10P
28 Gbps, 4:1 MUX WITH PROGRAMMABLE OUTPUT VOLTAGE
logo
Semtech Corporation
SMI4028 SEMTECH-SMI4028 Datasheet
485Kb / 2P
45 to 49 Gbps 16:2 Multiplexer/CMU with DQPSK Precoder
SMI4029 SEMTECH-SMI4029 Datasheet
579Kb / 2P
40-45 Gbps 16:2 Multiplexer/CMU with DQPSK Precoder
SMI5027 SEMTECH-SMI5027 Datasheet
522Kb / 2P
56 Gbps 16:2 Multiplexer/CMU with DQPSK Precoder
logo
Broadcom Corporation.
BCM8128BIFB BOARDCOM-BCM8128BIFB Datasheet
134Kb / 2P
MULTIRATE 10-GBPS SONET/SDH/10GE/FEC MUX
logo
Texas Instruments
DS40MB200 TI1-DS40MB200_16 Datasheet
1Mb / 26P
Dual 4-Gbps 2:1/1:2 CML MUX/Buffer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com