Electronic Components Datasheet Search
  English  ▼

X  

ACM0406CI Datasheet(PDF) 1 Page - Allied Components International

Part # ACM0406CI
Description  COMMON MODE CHOKES Common mode choke for power application
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

ACM0406CI Datasheet(HTML) 1 Page - Allied Components International

  ACM0406CI Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
COMMON MODE CHOKES
ACM0406CI
15
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
REVISED 02/16/10
Common mode choke for power application
High Impedance to minimize common mode noise
Excellent EMI performance
Industrial temperature range: -40ºC to +130ºC
All specifications subject to change without notice.
ACM0406CI
ALLIED
.
Turns Ratio
@10KHz/0.1V
HI-POT
1-2
3-4
1-2:3-4
1-2
3-4
(Vrms)
ACM0406CI
0.59mH±25% 0.59mH±25%
1:1±2%
21mΩ MAX
21mΩ MAX AC 1000V/1mA/2S
Part
Number
OCL
@10KHz/0.03V
DCR
17.0MAX
16.5± 0.4
19.5MAX
0.127(0.005)
4 SURFACES
Units: mm
YYWW


Similar Part No. - ACM0406CI

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
ACM0407CI ALLIED-ACM0407CI Datasheet
544Kb / 1P
COMMON MODE CHOKES Common mode choke for power application
ACM0408CI ALLIED-ACM0408CI Datasheet
442Kb / 1P
SMT COMMON MODE CHOKES
ACM0409CI ALLIED-ACM0409CI Datasheet
563Kb / 1P
COMMON MODE CHOKES
More results

Similar Description - ACM0406CI

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8033 FILTRAN-8033 Datasheet
136Kb / 1P
Choke Surface Mount Common Mode Chokes
logo
PCA ELECTRONICS INC.
EPA3284G PCA-EPA3284G Datasheet
30Kb / 1P
Common Mode Choke for Telecom Application
logo
Allied Components Inter...
ACM0407CI ALLIED-ACM0407CI Datasheet
544Kb / 1P
COMMON MODE CHOKES Common mode choke for power application
ACM0433CI ALLIED-ACM0433CI Datasheet
572Kb / 1P
COMMON MODE CHOKES Common mode choke for power application
ACM0802CS ALLIED-ACM0802CS Datasheet
331Kb / 1P
COMMON MODE CHOKES Common mode choke for power application
ACM0803CS ALLIED-ACM0803CS Datasheet
301Kb / 1P
COMMON MODE CHOKES Common mode choke for power application
ACM0806CS ALLIED-ACM0806CS Datasheet
327Kb / 1P
COMMON MODE CHOKES Common mode choke for power application
ACM8052 ALLIED-ACM8052 Datasheet
321Kb / 1P
COMMON MODE CHOKES Common mode choke for power application
ACM0422CI ALLIED-ACM0422CI Datasheet
4Mb / 1P
Common mode choke for power application
logo
Abracon Corporation
ACMP-1566 ABRACON-ACMP-1566 Datasheet
935Kb / 6P
Power Common Mode Chokes
06-29-22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com