Electronic Components Datasheet Search
  English  ▼

X  

MA47223 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MA47223
Description  Stripline PIN Diode Switch Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA47223 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MA47223 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA47223 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA47223 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA47223 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
MA-COM Technical Solutions and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice.
4
ADVANCED: Data Sheets contain information regarding a product MA-COM Technical Solutions is
considering for development. Performance is based on target specifications, simulated results, and/
or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product MA-COM Technical Solutions
has under development. Performance is based on engineering tests. Specifications are typical.
Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Stripline PIN Diode Switch Modules
V5
MA47200 Series
Inspection
Method
Condition
Storage
Temperature
1031
- 65°C to +175°C
Operating
Temperature
——
- 65°C to +150°C
Temperature
Cycling
1051
5 cycles
- 65°' to + 150°C
Shock
2016
500 g’s
Vibration
2056
15 g’s
Constant
Acceleration
2006
20,000 g’s
Humidity
1021
10 days
Environmental Ratings (Per MIL-STD 750)
The following table is recommended for Group B & C testing
for TX and TXV level screening.
Inspection
Method
Condition
Internal Visual
2074
See Note 1
High Temp.
Storage
1032
48 hours minimum @
max. storage temp.
Thermal Shock
1051
10 Cycles
Constant
Acceleration
2006
20,000 g's, Y1
Fine Leak
1071
H
Gross Leak
1071
C or E
Electrical
——
See Note
Burn-In
1038
See Note
Screened Diodes (Per MIL-STD 750)
Suggested 100% preconditioning and screening for TX
level and TXV level screening.
1.
Conditions and details of test depend on specific model
number. Information available upon request.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com