Electronic Components Datasheet Search
  English  ▼

X  

MAAM-009286 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM-009286
Description  RF Driver Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM-009286 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAM-009286 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM-009286 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM-009286 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM-009286 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
RF Driver Amplifier
250 - 4000 MHz
Rev. V1
MAAM-009286
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: Freq. = 2140 MHz, TA = +25°C, VCC = +5 V, Z0 = 50 Ω
Parameter
Units
Min.
Typ.
Max.
Gain
dB
14
15.5
—
Noise Figure
dB
—
3.5
—
Input Return Loss
dB
—
11
—
Output Return Loss
dB
—
13
—
Output P1dB
dBm
—
27
—
Output IP3
PIN = -6 dBm / tone, 1 MHz spacing
dBm
40
42
—
Quiescent Current
mA
—
155
—
Current (PIN = -3 dBm)
mA
—
155
225
2140 MHz PCB Layout
2140 MHz Schematic
Parts List
Part
Value
Case Style
C1
12 pF
0402
C2
2.2 pF
0402
C3
0.1 µF
0402
C4
1000 pF
0402
C5
39 pF
0402
C6
1.2 pF
0402
L1
7.5 nH
0402
R1, R2
0 Ω
0402
Cross Section View
The PCB dielectric between RF traces and RF ground layers
should be chosen to reduce RF discontinuities between 50 Ω
lines and package pins. M/A-COM recommends an FR-4
dielectric thickness of 0.008” (0.20 mm) yielding a 50 Ω line
width of 0.015” (0.38 mm).
The recommended RF
metalization is 1 ounce copper.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com