Electronic Components Datasheet Search
  English  ▼

X  

MIC3003 Datasheet(PDF) 51 Page - Micrel Semiconductor

Part # MIC3003
Description  FOM Management IC with Internal Calibration
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3003 Datasheet(HTML) 51 Page - Micrel Semiconductor

Back Button MIC3003 Datasheet HTML 47Page - Micrel Semiconductor MIC3003 Datasheet HTML 48Page - Micrel Semiconductor MIC3003 Datasheet HTML 49Page - Micrel Semiconductor MIC3003 Datasheet HTML 50Page - Micrel Semiconductor MIC3003 Datasheet HTML 51Page - Micrel Semiconductor MIC3003 Datasheet HTML 52Page - Micrel Semiconductor MIC3003 Datasheet HTML 53Page - Micrel Semiconductor MIC3003 Datasheet HTML 54Page - Micrel Semiconductor MIC3003 Datasheet HTML 55Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 75 page
background image
Micrel, Inc.
MIC3003
November 2009
51
M9999-111209-C
hbwhelp@micrel.com or (408) 955-1690
Warning Flags
Warning Status Register 0 (WARN0)
D[7]
W7
read-only
D[6]
W6
read-only
D[5]
W5
read-only
D[4]
W4
read-only
D[3]
W3
read-only
D[2]
W2
read-only
D[1]
W1
read-only
D[0]
W0
read-only
Default value
0000 0000b = 00h (no events pending)
Serial address
A2h
Byte address
116 = 74h
The power-up default value is 00h. Following the first complete A/D conversion cycle, however, any of the bits may be set
depending upon the results.
Bit(s)
Function
Operation
D[7]
W7
High temperature warning, TEMP > THIGH
1 = condition exists, 0 = normal/OK
D[6]
W6
Low temperature warning, TEMP < TLOW
1 = condition exists, 0 = normal/OK
D[5]
W5
High voltage warning, VIN > VHIGH
1 = condition exists, 0 = normal/OK
D[4]
W4
Low voltage warning, VIN < VLOW
1 = condition exists, 0 = normal/OK
D[3]
W3
High laser diode bias warning, IBIAS > IHIGH
1 = condition exists, 0 = normal/OK
D[2]
W2
Low laser diode bias warning, IBIAS < ILOW
1 = condition exists, 0 = normal/OK
D[1]
W1
High transmit optical power warning,
TXOP > TXHIGH
1 = condition exists, 0 = normal/OK
D[0]
W0
Low transmit optical power warning,
TXOP < TXLOW
1 = condition exists, 0 = normal/OK
Warning Status Register 1 (WARN1)
D[7]
W15
read-only
D[6]
W14
read-only
D[5]
read-only
D[4]
read-only
D[3]
read-only
D[2]
read-only
D[1]
read-only
D[0]
read-only
Default Value
0000 0000b = 00h (no events pending)
Serial Address
A2h
Byte Address
117 = 75h
The power-up default value is 00h. Following the first complete A/D conversion cycle, however, either of the bits may be set
depending upon the results.
Bit(s)
Function
Operation
D[7]
W15
Received power high warning, RXOP > RXHIGH
1 = condition exists, 0 = normal/OK
D[6]
W14
Received power low warning, RXOP < RXMIN
1 = condition exists, 0 = normal/OK
D[5:0]
Reserved
Reserved, returns zero on reads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com