Electronic Components Datasheet Search
  English  ▼

X  

2N90 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2N90
Description  2 Amps, 900 Volts N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N90 Datasheet(HTML) 3 Page - Unisonic Technologies

  2N90 Datasheet HTML 1Page - Unisonic Technologies 2N90 Datasheet HTML 2Page - Unisonic Technologies 2N90 Datasheet HTML 3Page - Unisonic Technologies 2N90 Datasheet HTML 4Page - Unisonic Technologies 2N90 Datasheet HTML 5Page - Unisonic Technologies 2N90 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2N90
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-478.a
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
900
V
Breakdown Voltage Temperature
Coefficient
BV
△
DSS/T
△ J Reference to 25°C, ID=250µA
1.0
V/°C
VDS=900V, VGS=0V
10
Drain-Source Leakage Current
IDSS
VDS=720V, TC=125°C
100
µA
Forward
VGS=+30V, VDS=0V
+100 nA
Gate- Source Leakage Current
Reverse
IGSS
VGS=-30V, VDS=0V
-100 nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
3.0
5.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=1.1A
5.6
7.2
Ω
Forward Transconductance (Note 4)
gFS
VDS=50V, ID=1.1A
2.0
S
DYNAMIC PARAMETERS
Input Capacitance
CISS
390 500
pF
Output Capacitance
COSS
45
60
pF
Reverse Transfer Capacitance
CRSS
VGS=0V, VDS=25V, f=1.0MHz
5.5
7.0
pF
SWITCHING PARAMETERS
Total Gate Charge (Note 4,5)
QG
12
15
nC
Gate to Source Charge (Note 4,5)
QGS
2.8
nC
Gate to Drain Charge (Note 4,5)
QGD
VGS=10V, VDS=720V, ID=2.2A
6.1
nC
Turn-ON Delay Time (Note 4,5)
tD(ON)
15
40
ns
Rise Time (Note 4,5)
tR
35
80
ns
Turn-OFF Delay Time (Note 4,5)
tD(OFF)
20
50
ns
Fall-Time (Note 4,5)
tF
VDD=450V, ID=2.2A, RG=25Ω
30
70
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Continuous Drain-Source Diode
Forward Current
IS
2.2
A
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
8.8
A
Drain-Source Diode Forward Voltage
VSD
IS=2.2A, VGS=0V
1.4
V
Reverse Recovery Time (Note 4)
tRR
400
ns
Reverse Recovery Charge (Note 4)
QRR
IS=2.2A, VGS=0V, dIF/dt=100A/µs
1.6
µC
Note: 1. Repetitive Rating: Pulse width limited by maximum junction temperature
2. L = 65mH, IAS = 2.2A, VDD = 50V, RG = 25Ω, Starting TJ = 25°C
3. ISD ≤ 2.2A, di/dt ≤ 200A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test: Pulse width ≤ 300µs, Duty cycle ≤ 2%
5. Essentially independent of operating temperature



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com