Electronic Components Datasheet Search
  English  ▼

X  

2SA684 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SA684
Description  PNP SILICON TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SA684 Datasheet(HTML) 2 Page - Unisonic Technologies

  2SA684_09 Datasheet HTML 1Page - Unisonic Technologies 2SA684_09 Datasheet HTML 2Page - Unisonic Technologies 2SA684_09 Datasheet HTML 3Page - Unisonic Technologies 2SA684_09 Datasheet HTML 4Page - Unisonic Technologies 2SA684_09 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SA684
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R211-006.C
ABSOLUTE MAXIMUM RATINGS ( Ta=25℃ ,unless otherwise specified )
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
-60
V
Collector-Emitter Voltage
VCEO
-50
V
Emitter-Base Voltage
VEBO
-5
V
Peak Collector Current
ICP
-1.5
A
Collector Current (DC)
IC
-1
A
SOT-89
500
mW
Collector Dissipation
TO-92NL
PC
1000
mW
Junction Temperature
TJ
+150
℃
Storage Temperature
TSTG
-55 ~ +150
℃
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25℃, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-Base Breakdown Voltage
BVCBO
IC=-10μA, IE=0
-60
V
Collector-Emitter Breakdown Voltage
BVCEO
IC=-2mA, IB=0
-50
V
Emitter-Base Breakdown Voltage
BVEBO
IE=-10μA, IC =0
-5
V
Collector Cut-Off Current
ICBO
VCB=-20V, IE=0
-0.1
μA
hFE1
VCE=-10V, IC=-500mA
85
340
DC Current Gain
hFE2
VCE=-5V, IC=-1A
50
Collector-Emitter Saturation Voltage
VCE(SAT) IC=-0.5A, IB=-50mA
-0.2
-0.4
V
Base-Emitter Saturation Voltage
VBE(SAT) IC=-0.5A, IB=-50mA
-0.85
-1.2
V
Current Gain Bandwidth Product
fT
VCE=-10V, IB=50mA, f=200MHz
200
MHz
Output Capacitance
Cob
VCB=-10V, IE=0, f=1MHz
20
30
pF
CLASSIFICATION OF hFE1
RANK
Q
R
S
RANGE
85-170
120-240
170-340



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com