Electronic Components Datasheet Search
  English  ▼

X  

PT100MF1MP1 Datasheet(PDF) 6 Page - Sharp Corporation

Part # PT100MF1MP1
Description  Phototransistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PT100MF1MP1 Datasheet(HTML) 6 Page - Sharp Corporation

Back Button PT100MF1MP1 Datasheet HTML 2Page - Sharp Corporation PT100MF1MP1 Datasheet HTML 3Page - Sharp Corporation PT100MF1MP1 Datasheet HTML 4Page - Sharp Corporation PT100MF1MP1 Datasheet HTML 5Page - Sharp Corporation PT100MF1MP1 Datasheet HTML 6Page - Sharp Corporation PT100MF1MP1 Datasheet HTML 7Page - Sharp Corporation PT100MF1MP1 Datasheet HTML 8Page - Sharp Corporation PT100MF1MP1 Datasheet HTML 9Page - Sharp Corporation PT100MF1MP1 Datasheet HTML 10Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Sheet No.: D1-A01601EN
6
PT100MF1MP1
● Taping Specification
1.
See Fig. 4 for the tape structure and dimensions. The carrier tape structure incorporates a cover tape thermally
bonded to it to protect the parts against electrostatic damage.
2.
See Fig. 5 for the Reel structure and dimensional information.
3.
See Fig. 6 for the Product Insert Direction. The collector terminal is at the hole side of the tape.
● Packing Specifications
● Packaging Method
1.
Seal the aluminum laminated bag and includ the ruled tape-reel and humidity indicator card quantity.
2.
Fill in the label and paste on the bag.
3.
Put the moisture-proof laminated bag in the ruled case.
Fig. 6 Production Insertion Direction
Name
Material
Quantity
Aluminum laminated bag Aluminum pholyethylene
Refer to Packaging Method
Label
Paper (filled in by factory)
–
Humidity indicator card
Paper (filled in by factory)
1 sheet/reel
Package Shape
Product
Quantity
Moisture-proof Bag Quantity
Tape = reel (
φ 180 mm) 1 ch type 1,500 pcs/reel
1 reel/bag
Pull-out direction



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com