Electronic Components Datasheet Search
  English  ▼

X  

2SA1700 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SA1700
Description  HIGH VOLTAGE DRIVER APPLICATION
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SA1700 Datasheet(HTML) 2 Page - Unisonic Technologies

  2SA1700_2 Datasheet HTML 1Page - Unisonic Technologies 2SA1700_2 Datasheet HTML 2Page - Unisonic Technologies 2SA1700_2 Datasheet HTML 3Page - Unisonic Technologies 2SA1700_2 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UTC2SA1700
PNP EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
2
QW-R209-009,A
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Gain-Bandwidth Product
fT
VCE= -30V,IC= -10mA
70
MHz
Turn-on Time
ton
See test circuit
0.25
µs
Turn-off Time
toff
See test circuit
5
µs
CLASSIFICATION OF hFE
RANK
D
E
RANGE
60-120
100-200
TEST CIRCUIT(Unit : (resistance : Ω, capacitance : F)
ELECTRICAL CHARACTERISTICS CURVES
I(tot)
mA
-20
0
0
-40
-60
-0.8
-1.2 -1.4
IC-VBE
Base to Emitter Voltage,VBE-V
-1.0
-80
-0.2
-0.4
-0.6
-100
-120
VCE= -10V
TA= -30
℃
TA=25
℃
TA=70
℃
7
hFE-Ic
5
2
2
Collector Current,Ic- mA
3
5
7
100
3
5
7
10
VCE= -10V
-1.0 2 3
57
-100
23
5 7
-10
23
TA= -30
℃
TA=25
℃
TA=70
℃
INPUT
OUTPUT
-10IB1= 10IB2=Ic= -50mA
RL=3kΩ,RB=200Ω at Ic= -50mA
PW=20μs
Duty Cycle≦1%
I B 1
I B 2RL
50
VBE= 1V
100μ
+
470μ
+
VR
R B
VCC= -150V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com