Electronic Components Datasheet Search
  English  ▼

X  

2SA1740 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 2SA1740
Description  HIGH VOLTAGE DRIVER APPLICATION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SA1740 Datasheet(HTML) 4 Page - Unisonic Technologies

  2SA1740 Datasheet HTML 1Page - Unisonic Technologies 2SA1740 Datasheet HTML 2Page - Unisonic Technologies 2SA1740 Datasheet HTML 3Page - Unisonic Technologies 2SA1740 Datasheet HTML 4Page - Unisonic Technologies 2SA1740 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SA1740
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R208-026,B
TYPICAL CHARACTERISTICS
-20
0
0
-40
-60
-0.8
-1.2
-1.4
Collector Current vs. Base to Emitter Voltage
Base to Emitter Voltage, VBE(V)
-1.0
-80
-0.2
-0.4
-0.6
-100
-120
VCE=-10V
TA= -30℃
TA=25℃
TA=70℃
7
DC Current Gain vs.Collector Current
5
2
2
Collector Current,Ic(mA)
3
5
7
100
3
5
7
10
VCE=-10V
-1.0 2 3
57
-100
23
5 7
-10
23
TA= -30℃
TA=25℃
TA=70℃
Switch Time vs.Collector Current
5
2
Collector Current,Ic( mA)
3
5
7
1.0
7
0.1
35 7
100
23
5 7
10
2 3
2
3
5
7
10
5
tstg
ton
tf
VCC=-150V
-10IB1=10IB2=IC
Collector Current vs.Collector to Emitter Voltage
5
2
Collector to Emitter Voltage,VCE(V)
3
5
7
1.0
7
0.1
3
57
100
23
5 7
10
23
5
2
3
5
7
100
2
3
5
7
Icp
Ic
10ms
100ms
1ms
DC Operation
*Single pulse Ta=25℃
Mounted on ceramic board
(250mm
2*0.8mm)
60
40
20
0
1.0
80
140
120
100
0.8
1.2
1.4
1.6
Collector Dissipation vs.Ambient Temperature
0.2
0.4
0.6
0
Ambient Temperature ,Ta (℃)
Mounted on ceramic board
(250mm
2*0.8mm)
160
7
Collector to Emitter Saturation Voltage vs.Collector Current
5
2
2
Collector Current,Ic( mA)
3
5
7
-1.0
3
5
7
-0.1
Ic/IB=10
-1.0
2 3
5 7
-100
23
5 7
-10
2
TA=25℃
TA=70℃
TA=-30℃



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com