Electronic Components Datasheet Search
  English  ▼

X  

2SA1943 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2SA1943
Description  POWER AMPLIFIER APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SA1943 Datasheet(HTML) 3 Page - Unisonic Technologies

  2SA1943 Datasheet HTML 1Page - Unisonic Technologies 2SA1943 Datasheet HTML 2Page - Unisonic Technologies 2SA1943 Datasheet HTML 3Page - Unisonic Technologies 2SA1943 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SA1943
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R214-006
,C
TYPICAL CHARACTERISTICS
-3
-1000
-10
-30
-300
-3
-5
-10
-100
DC
OPERATION
TC =100
-30
-50
-0.3
-0.5
-0.05
-0.1
-1
-0.03
VCEO MAX.
100ms
10ms
1ms
IC MAX. (PULSED)
**SINGLE NONREPETITIVE
PULSE TC = 25
CURVES MUST BE
DERATED LINEARLY
WITH INCREASE IN
TEMPERATURE.
IC MAX.
(CONTINUOUS)
0.1
0.01
10
1
Transient Thermal Resistance
vs. Pulse Width
0.001
1000
10
0.01
1
0.1
100
CURVES SHOULD BE
APPLIED IN
THERMAL LIMITED AREA.
(SINGLE NONREPETITIVE
PULSE)
INFINTE HEAT SINK
Safe Operating Area
Collector-Emitter Voltage, VCE (V)
Pulse Width, tw (s)
C
C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com