Electronic Components Datasheet Search
  English  ▼

X  

2SB834 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SB834
Description  HIGH VOLTAGE TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SB834 Datasheet(HTML) 1 Page - Unisonic Technologies

  2SB834 Datasheet HTML 1Page - Unisonic Technologies 2SB834 Datasheet HTML 2Page - Unisonic Technologies 2SB834 Datasheet HTML 3Page - Unisonic Technologies 2SB834 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2SB834
PNP SILICON TRANSISTOR
www.unisonic.com.tw
1 of 4
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R204-018.D
HIGH VOLTAGE TRANSISTOR
DESCRIPTION
Low frequency power amplifier applications.
Lead-Free:
2SB834L
Halogen Free: 2SB834G
ORDERING INFORMATION
Ordering Number
Pin Assignment
Normal
Lead Free
Halogen Free
Package
1
2
3
Packing
2SB834-x-T60-K
2SB834L-x-T60-K
2SB834G-x-T60-K
TO-126
E
C
B
Bulk
2SB834-x-TA3-T
2SB834L-x-TA3-T
2SB834G-x-TA3-T
TO-220
B
C
E
Tube
2SB834-x-TF3-T
2SB834L-x-TF3-T
2SB834G-x-TF3-T
TO-220F
B
C
E
Tube


Similar Part No. - 2SB834

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SB834 MOSPEC-2SB834 Datasheet
118Kb / 3P
POWER TRANSISTORS(3.0A,60V,30W)
logo
Wing Shing Computer Com...
2SB834 WINGS-2SB834 Datasheet
26Kb / 1P
PNP EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
logo
TRANSYS Electronics Lim...
2SB834 TEL-2SB834 Datasheet
65Kb / 1P
Plastic-Encapsulated Transistors
logo
Savantic, Inc.
2SB834 SAVANTIC-2SB834 Datasheet
132Kb / 4P
Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SB834 JMNIC-2SB834 Datasheet
194Kb / 4P
Silicon PNP Power Transistors
More results

Similar Description - 2SB834

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MJE3055T UTC-MJE3055T Datasheet
42Kb / 2P
HIGH VOLTAGE TRANSISTOR
MJE2955T UTC-MJE2955T Datasheet
93Kb / 2P
HIGH VOLTAGE TRANSISTOR
logo
Pan Jit International I...
MMBT5401 PANJIT-MMBT5401 Datasheet
315Kb / 5P
HIGH VOLTAGE TRANSISTOR
logo
Unisonic Technologies
MJE3055T UTC-MJE3055T_09 Datasheet
119Kb / 2P
HIGH VOLTAGE TRANSISTOR
MPSA94 UTC-MPSA94_11 Datasheet
140Kb / 3P
HIGH VOLTAGE TRANSISTOR
PZTA92 UTC-PZTA92_12 Datasheet
146Kb / 4P
HIGH VOLTAGE TRANSISTOR
logo
Fairchild Semiconductor
KSP42BU FAIRCHILD-KSP42BU Datasheet
42Kb / 4P
High Voltage Transistor
KSP92BU FAIRCHILD-KSP92BU Datasheet
69Kb / 4P
High Voltage Transistor
logo
Unisonic Technologies
MMBTA43 UTC-MMBTA43_15 Datasheet
97Kb / 4P
HIGH VOLTAGE TRANSISTOR
logo
ON Semiconductor
MMBT6520L ONSEMI-MMBT6520L Datasheet
141Kb / 5P
High Voltage Transistor
October, 2016 ??Rev. 7
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com