Electronic Components Datasheet Search
  English  ▼

X  

2SC3355 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SC3355
Description  HIGH FREQUENCY LOW NOISE AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC3355 Datasheet(HTML) 2 Page - Unisonic Technologies

  2SC3355_11 Datasheet HTML 1Page - Unisonic Technologies 2SC3355_11 Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2SC3355
NPN SILICON EPITAXIAL TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 2
www.unisonic.com.tw
QW-R201-036.Ba
ABSOLUTE MAXIMUM RATING (T
A=25℃, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-base voltage
VCBO
20
V
Collector-emitter voltage
VCEO
12
V
Emitter-base voltage
VEBO
3
V
Collector current
IC
100
mA
Total power dissipation
PT
600
mW
Junction Temperature
TJ
125
℃
Operating Temperature
TOPR
-20 ~ +85
℃
Storage Temperature
TSTG
-40 ~ +150
℃
Note
1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied
2.The device is guaranteed to meet performance specification within 0℃~70℃ operating temperature
range and assured by design from –20℃~85℃.
ELECTRICAL CHARACTERISTICS (Ta=25℃, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector Cutoff Current
ICBO
VCB=10V, IE=0
1.0
µA
Emitter Cutoff Current
IEBO
VEB=1V, IC=0
1.0
µA
DC Current Gain
hFE
VCE=10V, IC=20mA
50
300
Gain bandwidth Product
fT
VCE=10V, IC=20mA
7
GHz
Feed-Back Capacitance
Cre
VCB=10V, IE=0, f=1.0MHz
1.0
pF
Noise Figure
NF
VCE=10V, IC=7mA, f=1.0GHz
1.1
dB
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com