Electronic Components Datasheet Search
  English  ▼

X  

C2655 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # C2655
Description  POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

C2655 Datasheet(HTML) 2 Page - Unisonic Technologies

  C2655 Datasheet HTML 1Page - Unisonic Technologies C2655 Datasheet HTML 2Page - Unisonic Technologies C2655 Datasheet HTML 3Page - Unisonic Technologies C2655 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC2655
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R211-013,E
ABSOLUTE MAXIMUM RATINGS ( Ta=25°C ,unless otherwise specified )
PARAMETER
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
50
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
Ic
2
A
Collector Current(Pulse)
Icp(Note 1)
3
A
Base Current
IB
0.5
A
SOT-23
350
Collector Power Dissipation
TO-92NL
Pc
900
mW
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: 1. PW≦16ms, Duty Cycle≦50%.
2. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS(Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector Emitter Breakdown Voltage
BVCEO
IC= 10mA, IB= 0
50
V
Collector Cut-off Current
ICBO
VCB=50V, IE= 0
1.0
μA
Emitter Cut-off Current
IEBO
VEB= 5V, IC=0
1.0
μA
hFE(1)
VCE=2V, Ic=0.5A
70
240
DC Current Gain
hFE(2)
VCE=2V, Ic=1.5A
40
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=1A, IB=0.05A
0.5
V
Base- Emitter Saturation Voltage
VBE(SAT)
IC=1A, IB=0.05A
1.2
V
Transition Frequency
fT
VCE=2V, IC=0.5A
100
MHz
Collector Output Capacitance
Cob
VCB= 10V, IE= 0, f=1MHz
30
pF
Switching Time(Turn-on Time)
tON
IB1= -IB2=0.05A
DUTY CYCLE≦1%
0.1
μS
CLASSIFICATION OF hFE(1)
RANK
O
Y
RANGE
70-140
120-240



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com