Electronic Components Datasheet Search
  English  ▼

X  

2SC3356 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SC3356
Description  HIGH FREQUENCY LOW NOISE AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC3356 Datasheet(HTML) 1 Page - Unisonic Technologies

  2SC3356_09 Datasheet HTML 1Page - Unisonic Technologies 2SC3356_09 Datasheet HTML 2Page - Unisonic Technologies 2SC3356_09 Datasheet HTML 3Page - Unisonic Technologies 2SC3356_09 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2SC3356
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1 of 4
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R206-024,D
HIGH FREQUENCY LOW NOISE
AMPLIFIER
DESCRIPTION
The UTC 2SC3356 is designed for such applications as: DC/DC
converters, supply line switching, battery charger, LCD backlighting,
peripheral drivers, Driver in low supply voltage applications (e.g.
lamps and LEDs) and inductive load driver (e.g. relays, buzzers and
motors).
FEATURES
* Low Noise and High Gain
* High Power Gain
ORDERING INFORMATION
Ordering Number
Pin Description
Normal
Lead Free Plating
Halogen Free
Package
1
2
3
Packing
2SC3356-x-AE3-R
2SC3356L-x-AE3-R 2SC3356G-x-AE3-R
SOT-23
E
B
C
Tape Reel
MARKING


Similar Part No. - 2SC3356_09

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3356-3 KEXIN-2SC3356-3 Datasheet
1Mb / 3P
NPN Transistors
logo
Renesas Technology Corp
2SC3356-A RENESAS-2SC3356-A Datasheet
189Kb / 9P
NPN Silicon RF Transistor
logo
Comchip Technology
2SC3356-G COMCHIP-2SC3356-G Datasheet
134Kb / 4P
General Purpose Transistor
logo
Guangdong Kexin Industr...
2SC3356-HF KEXIN-2SC3356-HF Datasheet
1Mb / 3P
NPN Transistors
2SC3356-HF-3 KEXIN-2SC3356-HF-3 Datasheet
1Mb / 3P
NPN Transistors
More results

Similar Description - 2SC3356_09

ManufacturerPart #DatasheetDescription
logo
NEC
2SC2369 NEC-2SC2369 Datasheet
35Kb / 1P
High Frequency Low Noise Amplifier
logo
Unisonic Technologies
2SC3355 UTC-2SC3355 Datasheet
107Kb / 3P
HIGH FREQUENCY LOW NOISE AMPLIFIER
2SC3356 UTC-2SC3356 Datasheet
105Kb / 3P
HIGH FREQUENCY LOW NOISE AMPLIFIER
logo
Renesas Technology Corp
HSG1003 RENESAS-HSG1003 Datasheet
478Kb / 38P
High Frequency Low Noise Amplifier
logo
Unisonic Technologies
2SC3355 UTC-2SC3355_11 Datasheet
82Kb / 2P
HIGH FREQUENCY LOW NOISE AMPLIFIER
logo
Sanyo Semicon Device
MCH4016 SANYO-MCH4016 Datasheet
84Kb / 10P
High-Frequency Low-Noise Amplifier
MCH4017 SANYO-MCH4017 Datasheet
83Kb / 9P
High-Frequency Low-Noise Amplifier
CPH6020 SANYO-CPH6020_12 Datasheet
506Kb / 6P
High-Frequency Low-Noise Amplifier
CPH6021 SANYO-CPH6021_12 Datasheet
572Kb / 12P
High-Frequency Low-Noise Amplifier
logo
Unisonic Technologies
2SC3358 UTC-2SC3358_15 Datasheet
72Kb / 2P
HIGH FREQUENCY LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com