Electronic Components Datasheet Search
  English  ▼

X  

2SC3648 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SC3648
Description  HIGH-VOLTAGE SWITCHING PREDRIVER APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC3648 Datasheet(HTML) 1 Page - Unisonic Technologies

  2SC3648 Datasheet HTML 1Page - Unisonic Technologies 2SC3648 Datasheet HTML 2Page - Unisonic Technologies 2SC3648 Datasheet HTML 3Page - Unisonic Technologies 2SC3648 Datasheet HTML 4Page - Unisonic Technologies 2SC3648 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2SC3648
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1 of 5
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R208-038,C
HIGH-VOLTAGE SWITCHING
PREDRIVER APPLICATIONS
FEATURES
* High Breakdown Voltage and Large Current Capacity
* Fast Switching Speed
* Over Current Protection Function
SOT-89
1
ORDERING INFORMATION
Ordering Number
Pin Assignment
Normal
Lead Free
Halogen Free
Package
1
2
3
Packing
2SC3648-x-AB3-R
2SC3648L-x-AB3-R 2SC3648G-x-AB3-R
SOT-89
B
C
E
Tape Reel


Similar Part No. - 2SC3648

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC3648 SANYO-2SC3648 Datasheet
113Kb / 4P
High-Voltage Switching, Predriver Applications
logo
Unisonic Technologies
2SC3648 UTC-2SC3648 Datasheet
171Kb / 4P
HIGH-VOLTAGE SWITCHING PREDRIVER APPLICATIONS
logo
Guangdong Kexin Industr...
2SC3648 KEXIN-2SC3648 Datasheet
495Kb / 3P
High-Voltage Switching Applications
logo
Sanyo Semicon Device
2SC3648 SANYO-2SC3648 Datasheet
102Kb / 5P
High-Voltage Switching, Preriver Applications
2SC3648 SANYO-2SC3648 Datasheet
452Kb / 7P
High-Voltage Switching, Preriver Applications
More results

Similar Description - 2SC3648

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1207 SANYO-2SA1207 Datasheet
108Kb / 4P
High-Voltage Switching, AF 60W Predriver Applications
2SA1208 SANYO-2SA1208 Datasheet
107Kb / 4P
High-Voltage Switching, Audio 80W Output Predriver Applications
2SA1209 SANYO-2SA1209 Datasheet
104Kb / 4P
160V/140mA High-Voltage Switching AF 100W Predriver Applications
2SA1415 SANYO-2SA1415 Datasheet
108Kb / 4P
High-Voltage Switching, Predriver Applications
2SA1418 SANYO-2SA1418 Datasheet
113Kb / 4P
High-Voltage Switching, Predriver Applications
2SA1210 SANYO-2SA1210 Datasheet
274Kb / 7P
HIGH VOLTAGE SWITCHING, AF 150W PREDRIVER APPLICATIONS
logo
Unisonic Technologies
2SC3648 UTC-2SC3648 Datasheet
171Kb / 4P
HIGH-VOLTAGE SWITCHING PREDRIVER APPLICATIONS
2SC3648 UTC-2SC3648_15 Datasheet
243Kb / 5P
HIGH-VOLTAGE SWITCHING PREDRIVER APPLICATIONS
2SC4027 UTC-2SC4027_15 Datasheet
152Kb / 5P
HIGH-VOLTAGE SWITCHING PREDRIVER APPLICATIONS
logo
ON Semiconductor
2SA1415 ONSEMI-2SA1415 Datasheet
96Kb / 5P
High-Voltage Switching Predriver Applications
Jan-2011, Rev. 0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com