Electronic Components Datasheet Search
  English  ▼

X  

2SC3834 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SC3834
Description  SWITCH NPN TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC3834 Datasheet(HTML) 2 Page - Unisonic Technologies

  2SC3834_09 Datasheet HTML 1Page - Unisonic Technologies 2SC3834_09 Datasheet HTML 2Page - Unisonic Technologies 2SC3834_09 Datasheet HTML 3Page - Unisonic Technologies 2SC3834_09 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC3834
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R203-026.C
ABSOLUTE MAXIMUM RATING (Ta=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
200
V
Collector-emitter voltage
VCEO
120
V
Emitter-Base Voltage
VEBO
8
V
Collector Current (Pulse)
IC
7
A
Base Current
IB
3
A
Collector Dissipation (TC=25°C)
PC
50
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Collector-Emitter Breakdown Voltage
BVCEO
IC= 50mA
120
V
Collector Cutoff Current
ICBO
VCB=200V, IE=0A
100
μA
Emitter Cutoff Current
IEBO
VEB=8V, IC=0A
100
μA
DC Current Gain (Note)
hFE
VCE=4V, IC=3A
70
220
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=3A, IB=0.3mA
0.5
V
Base-Emitter Saturation Voltage
VBE(SAT)
IC=3A, IB=0.3mA
1.2
V
Current Gain Bandwidth Product
fT
IE=-0.5mA, VCE=12V, f=100MHz
30
MHz
Output Capacitance
Cob
VCB=10 V, IE=0A, f=1MHz
110
pF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com