Electronic Components Datasheet Search
  English  ▼

X  

2SC5305 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SC5305
Description  HIGH VOLTAGE HIGH SPEED POWER SWITCHING TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC5305 Datasheet(HTML) 1 Page - Unisonic Technologies

  2SC5305_2 Datasheet HTML 1Page - Unisonic Technologies 2SC5305_2 Datasheet HTML 2Page - Unisonic Technologies 2SC5305_2 Datasheet HTML 3Page - Unisonic Technologies 2SC5305_2 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UTC2SC5305
NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO., LTD.
1
www.unisonic.com.tw
QW-R219-003,A
HIGH VOLTAGE HIGH SPEED POWER
SWITCHING TRANSISTOR
FEATURES
* High hFE for Low base drive requirement
* Suitable for half bridge light ballast Applications
* Built-in Free-wheeling Diode makes it specially
suitable for light ballast Applications
* Well controlled storage-time spread for all range of hFE
TO-220F
1
1: Base 2: Collector 3: Emitter
*Pb-free plating product number: 2SC5305L
ABSOLUTE MAXIMUM RATINGS
(TC=25℃, unless otherwise noted.)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector Base Voltage
VCBO
800
V
Collector Emitter Voltage
VCEO
400
V
Emitter Base Voltage
VEBO
12
V
Collector Current (DC)
IC
5
A
Collector Current (Pulse)*
ICP
10
A
Base Current (DC)
IB
2
A
Base Current (Pulse)*
IBP
4
A
Power Dissipation (TC=25℃)
PC
75
W
Junction Temperature
Tj
150
℃
Storage Temperature
Tstg
-65 ~ 150
℃
THERMAL CHARACTERISTICS
(TC=25℃, unless otherwise noted.)
PARAMETER
SYMBOL
RATINGS
UNIT
Thermal Resistance
Junction to Case
Junction to Ambient
RθJC
RθJA
1.65
62.5
℃
/W


Similar Part No. - 2SC5305_2

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5305LS SANYO-2SC5305LS Datasheet
42Kb / 4P
Inverter Lighting Applications
logo
Unisonic Technologies
2SC5305 UTC-2SC5305_15 Datasheet
164Kb / 4P
HIGH VOLTAGE HIGH SPEED POWER SWITCHING TRANSISTOR
More results

Similar Description - 2SC5305_2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SC2614 ETC-2SC2614 Datasheet
41Kb / 1P
HIGH VOLTAGE, HIGH SPEED AND HIGH POWER SWITCHING
2SC2616 ETC-2SC2616 Datasheet
38Kb / 1P
HIGH VOLTAGE, HIGH SPEED AND HIGH POWER SWITCHING
logo
Hitachi Semiconductor
2SC2928 HITACHI-2SC2928 Datasheet
42Kb / 1P
HIGH VOLTAGE, HIGH SPEED AND HIGH POWER SWITCHING
logo
Unisonic Technologies
2SC5305 UTC-2SC5305 Datasheet
159Kb / 4P
HIGH VOLTAGE HIGH SPEED POWER SWITCHING TRANSISTOR
MJE13011 UTC-MJE13011 Datasheet
104Kb / 4P
HIGH VOLTAGE HIGH SPEED SWITCHING
logo
Comset Semiconductor
BUW13 COMSET-BUW13 Datasheet
70Kb / 3P
HIGH VOLTAGE, HIGH SPEED POWER TRANSISTOR
logo
SemiHow Co.,Ltd.
KSB13005AR SEMIHOW-KSB13005AR Datasheet
490Kb / 6P
High voltage, high speed power switching
logo
Unisonic Technologies
2SC5305 UTC-2SC5305_15 Datasheet
164Kb / 4P
HIGH VOLTAGE HIGH SPEED POWER SWITCHING TRANSISTOR
MJE13011 UTC-MJE13011_15 Datasheet
110Kb / 4P
HIGH VOLTAGE HIGH SPEED POWER SWITCHING TRANSISTOR
logo
SemiHow Co.,Ltd.
KSP742C SEMIHOW-KSP742C Datasheet
107Kb / 4P
High voltage, high speed power switching
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com