Electronic Components Datasheet Search
  English  ▼

X  

2SD879 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SD879
Description  1.5V, 3V STROBE APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD879 Datasheet(HTML) 1 Page - Unisonic Technologies

  2SD879_2 Datasheet HTML 1Page - Unisonic Technologies 2SD879_2 Datasheet HTML 2Page - Unisonic Technologies 2SD879_2 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UTC2SD879
NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
1
QW-R201-043,A
1.5V, 3V STROBE APPLICATIONS
DESCRIPTION
The UTC 2SD879 is a NPN epitaxial silicon transistor,
designed for 1.5V and 3V strobe applications.
FEATURES
*In applications where two NiCd batteries are used to
provide 2.4V, two 2SD879s are used.
*The charge time is approximately 1 second faster than
that of germanium transistors.
*Less power dissipation because of lwo
Collector-to-Emitter Voltage VCE(sat), permitting more
flashes of light to be emitted.
*Large current capacity and highly resistant to break-down.
*Excellent linearity of hFE in the region from low current to
high current.
TO-92
1
1:EMITTER 2:COLLECTOR 3:BASE
ABSOLUTE MAXIMUM RATINGS ( Ta=25°C ,unless otherwise specified )
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
30
V
Collector-Emitter Voltage
VCEX
20
V
Collector-Emitter Voltage
VCEO
10
V
Emitter-Base Voltage
VEBO
6
V
Collector Dissipation
PD
1
W
Collector Current(DC)
Ic
3
A
Collector Current(PULSE)
Icp
5
A
Junction Temperature
Tj
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: PULSE CONDITION -> 100 ms single pulse
ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-Base Voltage
VCBO
IC=10uA, IE=0
30
V
Collector-Emitter Voltage
VCEX
IC=1mA, VBE=3V
20
V
Collector-Emitter Voltage
VCEO
IC=1mA, RBE=∞
10
V
Emitter-Base Voltage
VEBO
IE=10uA, IC=0
6
V
Base-Emitter Voltage
VBE
VCE=-1V,IC=-2A
0.83
1.5
V
Collector Cut-Off Current
ICBO
VCB=20V,IE=0
1
µA
Emitter Cut-Off Current
IEBO
VEB=4V,Ic=0
1
µA
DC Current Gain
hFE
VCE=2V, Ic=3A (pulse)
140
210
400
Collector-Emitter Saturation Voltage
VCE(sat)
Ic=3A,IB=60mA (pulse)
0.3
0.4
V
Current Gain Bandwidth Product
fT
VCE=10V, Ic=50mA
200
MHz
Output Capacitance
Cob
VCB=10V,f=1MHz
30
pF
Pulse: 1mS


Similar Part No. - 2SD879_2

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
2SD879-TA DGNJDZ-2SD879-TA Datasheet
1Mb / 4P
TO-92 Plastic-Encapsulate Transistors
logo
Unisonic Technologies
2SD879G-AB3-R UTC-2SD879G-AB3-R Datasheet
98Kb / 2P
1.5V, 3V STROBE APPLICATIONS
2SD879G-AB3-R UTC-2SD879G-AB3-R Datasheet
99Kb / 3P
1.5V, 3V STROBE APPLICATIONS
2SD879G-T92-B UTC-2SD879G-T92-B Datasheet
98Kb / 2P
1.5V, 3V STROBE APPLICATIONS
2SD879G-T92-B UTC-2SD879G-T92-B Datasheet
99Kb / 3P
1.5V, 3V STROBE APPLICATIONS
More results

Similar Description - 2SD879_2

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SD1620 SANYO-2SD1620 Datasheet
75Kb / 3P
1.5V,3V Strobe Applications
2SD826 SANYO-2SD826 Datasheet
114Kb / 4P
3V,6V Strobe Applications
2SD879 SANYO-2SD879 Datasheet
94Kb / 4P
1.5V, 3V Strobe Applications
logo
Toshiba Semiconductor
GT5G131 TOSHIBA-GT5G131 Datasheet
289Kb / 6P
Strobe Flash Applications
logo
Unisonic Technologies
2SD879 UTC-2SD879 Datasheet
91Kb / 3P
1.5V, 3V STROBE APPLICATIONS
logo
Toshiba Semiconductor
GT8G121 TOSHIBA-GT8G121_06 Datasheet
413Kb / 5P
STROBE FLASH APPLICATIONS
2SC5030 TOSHIBA-2SC5030_04 Datasheet
146Kb / 5P
Strobe Flash Applications
logo
Sanyo Semicon Device
2SD1620 SANYO-2SD1620_10 Datasheet
91Kb / 4P
1.5V, 3V Strobe Applications
logo
Unisonic Technologies
2SD879 UTC-2SD879_11 Datasheet
98Kb / 2P
1.5V, 3V STROBE APPLICATIONS
2SD879 UTC-2SD879_15 Datasheet
99Kb / 3P
1.5V, 3V STROBE APPLICATIONS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com