Electronic Components Datasheet Search
  English  ▼

X  

2SD1803 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2SD1803
Description  HIGH CURRENT SWITCHING APPLICATION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD1803 Datasheet(HTML) 3 Page - Unisonic Technologies

  2SD1803 Datasheet HTML 1Page - Unisonic Technologies 2SD1803 Datasheet HTML 2Page - Unisonic Technologies 2SD1803 Datasheet HTML 3Page - Unisonic Technologies 2SD1803 Datasheet HTML 4Page - Unisonic Technologies 2SD1803 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SD1803
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R209-014,E
TEST CIRCUIT
INPUT
OUTPUT
PW=20μS
Duty Cycle≦1%
IB1
IB2
25V
50
-5V
100μ
+
470μ
+
VR
RB
RL
Ic=10IB1=-10IB2=2A
(Unit : (resistance :
Ω, capacitance : F))



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com