Electronic Components Datasheet Search
  English  ▼

X  

4N50 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 4N50
Description  4 Amps, 500 Volts N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4N50 Datasheet(HTML) 1 Page - Unisonic Technologies

  4N50 Datasheet HTML 1Page - Unisonic Technologies 4N50 Datasheet HTML 2Page - Unisonic Technologies 4N50 Datasheet HTML 3Page - Unisonic Technologies 4N50 Datasheet HTML 4Page - Unisonic Technologies 4N50 Datasheet HTML 5Page - Unisonic Technologies 4N50 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
4N50
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-525.a
4 Amps, 500 Volts
N-CHANNEL POWER MOSFET
DESCRIPTION
The UTC 4N50 is an N-channel mode power MOSFET using
UTC’s advanced technology to provide customers with planar stripe
and DMOS technology. This technology allows a minimum on-state
resistance and superior switching performance. It also can withstand
high energy pulse in the avalanche and commutation mode.
The UTC 4N50 is generally applied in high efficiency switch mode
power supplies, active power factor correction and electronic lamp
ballasts based on half bridge topology.
FEATURES
* 4A, 500V, RDS(ON)=2.0Ω @ VGS=10V
* High Switching Speed
* 100% Avalanche Tested
SYMBOL
1.Gate
3.Source
2.Drain
TO-220
TO-220F
1
1
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
4N50L-TA3-T
4N50G-TA3-T
TO-220
G
D
S
Tube
4N50L-TF3-T
4N50G-TF3-T
TO-220F
G
D
S
Tube
Note: Pin Assignment: G: Gate D: Drain
S: Source


Similar Part No. - 4N50

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4N50 UTC-4N50 Datasheet
183Kb / 6P
4A, 500V N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
4N50 ISC-4N50 Datasheet
67Kb / 2P
Fast Switching
4N50-220 ISC-4N50-220 Datasheet
157Kb / 2P
isc N-Channel MOSFET Transistor
4N50-TO-3 ISC-4N50-TO-3 Datasheet
161Kb / 2P
isc N-Channel MOSFET Transistor
logo
Unisonic Technologies
4N50G-TA3-T UTC-4N50G-TA3-T Datasheet
183Kb / 6P
4A, 500V N-CHANNEL POWER MOSFET
More results

Similar Description - 4N50

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1N50 UTC-1N50 Datasheet
169Kb / 6P
1.3 Amps, 500 Volts N-CHANNEL POWER MOSFET
2N50 UTC-2N50 Datasheet
173Kb / 6P
2 Amps, 500 Volts N-CHANNEL POWER MOSFET
3N50 UTC-3N50_11 Datasheet
173Kb / 6P
3 Amps, 500 Volts N-CHANNEL POWER MOSFET
6N50 UTC-6N50 Datasheet
172Kb / 6P
6 Amps, 500 Volts N-CHANNEL POWER MOSFET
7N50 UTC-7N50 Datasheet
171Kb / 6P
7 Amps, 500 Volts N-CHANNEL POWER MOSFET
8N50 UTC-8N50 Datasheet
171Kb / 6P
8 Amps, 500 Volts N-CHANNEL POWER MOSFET
12N50 UTC-12N50 Datasheet
171Kb / 6P
12 Amps, 500 Volts N-CHANNEL POWER MOSFET
16N50 UTC-16N50 Datasheet
170Kb / 6P
16 Amps, 500 Volts N-CHANNEL POWER MOSFET
18N50 UTC-18N50 Datasheet
163Kb / 6P
18 Amps, 500 Volts N-CHANNEL POWER MOSFET
24N50 UTC-24N50 Datasheet
163Kb / 6P
24 Amps, 500 Volts N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com