Electronic Components Datasheet Search
  English  ▼

X  

3N80 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 3N80
Description  3 Amps, 800 Volts N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3N80 Datasheet(HTML) 2 Page - Unisonic Technologies

  3N80 Datasheet HTML 1Page - Unisonic Technologies 3N80 Datasheet HTML 2Page - Unisonic Technologies 3N80 Datasheet HTML 3Page - Unisonic Technologies 3N80 Datasheet HTML 4Page - Unisonic Technologies 3N80 Datasheet HTML 5Page - Unisonic Technologies 3N80 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3N80
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-283.D
ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage (VGS=0V)
VDSS
800
V
Drain-Gate Voltage (RG=20kΩ)
VDGR
800
V
Gate-Source Voltage
VGSS
±30
V
Gate-Source Breakdown Voltage (IGS=±1mA)
BVGSO
30(MIN)
V
Insulation Withstand Voltage (DC) TO-220F/ TO-220F1
VISO
2500
V
Avalanche Current (Note 2)
IAR
3
A
Continuous Drain Current
ID
3
A
Pulsed Drain Current
IDM
10
A
Single Pulse Avalanche Energy (Note 3)
EAS
170
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
4.5
V/ns
TO-220
70
Power Dissipation
TO-220F/ TO-220F1
PD
25
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note:1.
2.
3.
4.
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
Pulse width limited by TJ(MAX)
starting TJ=25 °C, ID=IAR, VDD=50V
ISD≦2.5A, di/dt≦200A/μs, VDD≦BVDSS, TJ≦TJ(MAX).
THERMAL DATA
PARAMETER
SYMBOL
RATING
UNIT
TO-220
62.5
Junction to Ambient
TO-220F/ TO-220F1
θJA
62.5
°C/W
TO-220
1.78
Junction to Case
TO-220F/ TO-220F1
θJC
5
°C/W
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=250μA
800
V
Drain-Source Leakage Current
IDSS
VDS=800V, VGS=0V
1
μA
Gate-Source Leakage Current
IGSS
VGS=±30V, VDS=0V
±10
μA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250μA
3
3.75 4.5
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=1.5A
3.8
4.5
Ω
Forward Transconductance (Note 1)
gFS
VDS=15V, ID=1.5A
2.1
S
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
485
pF
Output Capacitance
COSS
57
pF
Reverse Transfer Capacitance
CRSS
VDS=25V, VGS=0V, f=1MHz
11
pF
Equivalent Output Capacitance (Note 2)
COSS(EQ)
VGS=0V, VDS=0V~640V
22
pF
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
17
ns
Turn-On Rise Time
tR
27
ns
Turn-Off Delay Time
tD(OFF)
36
ns
Turn-Off Fall Time
tF
VDD=400V, ID=3 A, RG=4.7Ω
VGS=10V
40
ns
Total Gate Charge
QG
19
nC
Gate-Source Charge
QGS
3.2
nC
Gate-Drain Charge
QDD
VDD=640V, ID=3A, VGS=10V
10.8
nC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com