Electronic Components Datasheet Search
  English  ▼

X  

4N65 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 4N65
Description  4 Amps, 650 Volts N-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4N65 Datasheet(HTML) 1 Page - Unisonic Technologies

  4N65 Datasheet HTML 1Page - Unisonic Technologies 4N65 Datasheet HTML 2Page - Unisonic Technologies 4N65 Datasheet HTML 3Page - Unisonic Technologies 4N65 Datasheet HTML 4Page - Unisonic Technologies 4N65 Datasheet HTML 5Page - Unisonic Technologies 4N65 Datasheet HTML 6Page - Unisonic Technologies 4N65 Datasheet HTML 7Page - Unisonic Technologies 4N65 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
4N65
Power MOSFET
www.unisonic.com.tw
1 of 8
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R502-397.B
4 Amps, 650 Volts
N-CHANNEL POWER MOSFET
DESCRIPTION
The UTC 4N65 is a high voltage MOSFET designed to have
better characteristics, such as fast switching time, low gate charge,
low on-state resistance and have a high rugged avalanche
characteristic. This power MOSFET is usually used in high speed
switching applications including power supplies, PWM motor
controls, high efficient DC to DC converters and bridge circuits.
FEATURES
* RDS(ON) = 2.5Ω @VGS = 10 V
* Ultra Low Gate Charge ( typical 15 nC )
* Low Reverse Transfer Capacitance ( CRSS = Typical 8.0 pF )
* Fast Switching Capability
* Avalanche Energy Specified
* Improved dv/dt Capability, High Ruggedness
SYMBOL
1.Gate
3.Source
2.Drain
TO-251
1
1
TO-252
TO-220
1
1
TO-220F
1
TO-220F1
TO-262
1
TO-263
1
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
4N65L-TA3-T
4N65G-TA3-T
TO-220
G
D
S
Tube
4N65L- TF1-T
4N65G-TF1-T
TO-220F1
G
D
S
Tube
4N65L- TF3-T
4N65G-TF3-T
TO-220F
G
D
S
Tube
4N65L-TM3-T
4N65G-TM3-T
TO-251
G
D
S
Tube
4N65L-TN3-R
4N65G-TN3-R
TO-252
G
D
S
Tape Reel
4N65L-T2Q-T
4N65G-T2Q-T
TO-262
G
D
S
Tube
4N65L-TQ2-R
4N65G-TQ2-R
TO-263
G
D
S
Tape Reel
4N65L-TQ2-T
4N65G-TQ2-T
TO-263
G
D
S
Tube
Note: Pin Assignment: G: Gate D: Drain S: Source


Similar Part No. - 4N65

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
4N65 ISC-4N65 Datasheet
136Kb / 2P
Drain Current ID= 4A@ TC=25C
logo
Chongqing Pingwei Enter...
4N65 CHONGQING-4N65 Datasheet
201Kb / 2P
4A mps,650 Volts N-CHANNEL MOSFET
logo
DIYI Electronic Technol...
4N65 DYELEC-4N65 Datasheet
2Mb / 10P
650V N-Channel Power MOSFET
logo
Zibo Seno Electronic En...
4N65 ZSELEC-4N65 Datasheet
607Kb / 7P
N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
4N65 ISC-4N65 Datasheet
320Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - 4N65

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N65 UTC-2N65 Datasheet
185Kb / 6P
2 Amps, 650 Volts N-CHANNEL POWER MOSFET
4N60 UTC-4N60_10 Datasheet
397Kb / 8P
4 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
7N65 UTC-7N65_09 Datasheet
180Kb / 6P
7.4 Amps, 650 Volts N-CHANNEL POWER MOSFET
15N65 UTC-15N65 Datasheet
170Kb / 7P
15 Amps, 650 Volts N-CHANNEL MOSFET
logo
Chongqing Pingwei Enter...
20N65Y CHONGQING-20N65Y Datasheet
481Kb / 7P
20 Amps,650 Volts N-CHANNEL MOSFET
logo
First Silicon Co., Ltd
FTK8N65P FS-FTK8N65P Datasheet
584Kb / 7P
8.0 Amps, 650 Volts N-CHANNEL MOSFET
FTK2N65P FS-FTK2N65P Datasheet
346Kb / 7P
2 Amps, 650 Volts N-CHANNEL MOSFET
FTK7N65D FS-FTK7N65D Datasheet
615Kb / 7P
7.0 Amps, 650 Volts N-CHANNEL MOSFET
FTK8N65PD FS-FTK8N65PD Datasheet
584Kb / 7P
8.0 Amps, 650 Volts N-CHANNEL MOSFET
FTK10N65PD FS-FTK10N65PD Datasheet
289Kb / 7P
10 Amps, 650 Volts N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com