Electronic Components Datasheet Search
  English  ▼

X  

4N70 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 4N70
Description  4 Amps, 700 Volts N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4N70 Datasheet(HTML) 2 Page - Unisonic Technologies

  4N70 Datasheet HTML 1Page - Unisonic Technologies 4N70 Datasheet HTML 2Page - Unisonic Technologies 4N70 Datasheet HTML 3Page - Unisonic Technologies 4N70 Datasheet HTML 4Page - Unisonic Technologies 4N70 Datasheet HTML 5Page - Unisonic Technologies 4N70 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
4N70
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-340.A
ABSOLUTE MAXIMUM RATINGS (Ta = 25°С, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
700
V
Gate-Source Voltage
VGSS
±30
V
Avalanche Current (Note 2)
IAR
4.4
A
Continuous
ID
4.0
A
Drain Current
Pulsed (Note 2)
IDM
16
A
Single Pulsed (Note 3)
EAS
260
mJ
Avalanche Energy
Repetitive (Note 2)
EAR
10.6
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
4.5
V/ns
Power Dissipation
PD
36
W
Junction Temperature
TJ
+150
°С
Operating Temperature
TOPR
-55 ~ +150
°С
Storage Temperature
TSTG
-55 ~ +150
°С
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating : Pulse width limited by maximum junction temperature
3. L = 30mH, IAS = 4A, VDD = 50V, RG = 25 Ω, Starting TJ = 25°C
4. ISD≤ 4.4A, di/dt ≤200A/μs, VDD≤ BVDSS, Starting TJ = 25°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
62.5
°С/W
Junction to Case
θJc
3.47
°С/W
ELECTRICAL CHARACTERISTICS (Ta =25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS = 0 V, ID = 250 μA
700
V
Drain-Source Leakage Current
IDSS
VDS = 700 V, VGS = 0 V
10
μA
Forward
VGS = 30 V, VDS = 0 V
100
Gate-Source Leakage Current
Reverse
IGSS
VGS = -30 V, VDS = 0 V
-100
nA
Breakdown Voltage Temperature
Coefficient
J
DSS
T
BV
Δ
ID = 250 μA, Referenced to 25°C
0.6
V/°С
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS = VGS, ID = 250 μA
2.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS = 10 V, ID = 2.2 A
2.8
Ω
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
520 670
pF
Output Capacitance
COSS
70
90
pF
Reverse Transfer Capacitance
CRSS
VDS = 25 V, VGS = 0 V, f = 1MHz
8
11
pF
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
13
35
ns
Turn-On Rise Time
tR
45
100
ns
Turn-Off Delay Time
tD(OFF)
25
60
ns
Turn-Off Fall Time
tF
VDD = 350V, ID = 4.0A, RG = 25Ω
(Note 1, 2)
35
80
ns
Total Gate Charge
QG
15
20
nC
Gate-Source Charge
QGS
3.4
nC
Gate-Drain Charge
QGD
VDS= 560V, ID= 4.0A, VGS= 10 V
(Note 1, 2)
7.1
nC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com