Electronic Components Datasheet Search
  English  ▼

X  

5N50 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 5N50
Description  500V N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

5N50 Datasheet(HTML) 2 Page - Unisonic Technologies

  5N50 Datasheet HTML 1Page - Unisonic Technologies 5N50 Datasheet HTML 2Page - Unisonic Technologies 5N50 Datasheet HTML 3Page - Unisonic Technologies 5N50 Datasheet HTML 4Page - Unisonic Technologies 5N50 Datasheet HTML 5Page - Unisonic Technologies 5N50 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
5N50
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-476.c
ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
500
V
Gate-Source Voltage
VGSS
±30
V
Continuous
ID
5
A
Drain Current
Pulsed (Note 1)
IDM
20
A
Avalanche Current (Note 1)
IAR
5
A
Single Pulsed (Note 2)
EAS
300
mJ
Avalanche Energy
Repetitive (Note 1)
EAR
7.3
mJ
Peak Diode Recovery dv/dt (Note 3)
dv/dt
4.5
V/ns
TO-220F
38
W
TO-252
54
W
Power Dissipation
TO-262
PD
125
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
Note : Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
TO-220F
62.5
°C/W
TO-252
110
°C/W
Junction to Ambient
TO-262
θJA
62.5
°C/W
TO-220F
3.25
°C/W
TO-252
2.13
°C/W
Junction to Case
TO-262
θJC
1
°C/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com