Electronic Components Datasheet Search
  English  ▼

X  

6N90 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 6N90
Description  6.2 Amps, 900 Volts N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

6N90 Datasheet(HTML) 2 Page - Unisonic Technologies

  6N90 Datasheet HTML 1Page - Unisonic Technologies 6N90 Datasheet HTML 2Page - Unisonic Technologies 6N90 Datasheet HTML 3Page - Unisonic Technologies 6N90 Datasheet HTML 4Page - Unisonic Technologies 6N90 Datasheet HTML 5Page - Unisonic Technologies 6N90 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
6N90
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-492.a
ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
900
V
Gate-Source Voltage
VGSS
±30
V
Continuous (TC=25°C)
ID
6.2
A
Drain Current
Pulsed (Note 1)
IDM
24
A
Single Pulsed (Note 2)
EAS
650
mJ
Avalanche Energy
Repetitive (Note 1)
EAR
16.7
mJ
Peak Diode Recovery dv/dt (Note 3)
dv/dt
4.5
V/ns
TO-220
167
W
Power Dissipation
TO-220F/TO220F1
PD
56
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
* Drain current limited by maximum junction temperature.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
TO-220
62.5
°C/W
Junction to Ambient
TO-220F/TO220F1
θJA
62.5
°C/W
TO-220
0.75
°C/W
Junction to Case
TO-220F/TO220F1
θJC
2.25
°C/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com