Electronic Components Datasheet Search
  English  ▼

X  

7N65 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 7N65
Description  7.4 Amps, 650 Volts N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7N65 Datasheet(HTML) 2 Page - Unisonic Technologies

  7N65 Datasheet HTML 1Page - Unisonic Technologies 7N65 Datasheet HTML 2Page - Unisonic Technologies 7N65 Datasheet HTML 3Page - Unisonic Technologies 7N65 Datasheet HTML 4Page - Unisonic Technologies 7N65 Datasheet HTML 5Page - Unisonic Technologies 7N65 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
7N65
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-104.Ba
ABSOLUTE MAXIMUM RATINGS (TC = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
650
V
Gate-Source Voltage
VGSS
±30
V
Avalanche Current (Note 2)
IAR
7.4
A
Continuous
ID
7.4
A
Drain Current
Pulsed (Note 2)
IDM
29.6
A
Single Pulsed (Note 3)
EAS
530
mJ
Avalanche Energy
Repetitive (Note 2)
EAR
14.2
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
4.5
V/ns
TO-220/TO-262/TO-263
142
W
Power Dissipation
TO-220F/TO-220F1
PD
48
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating : Pulse width limited by maximum junction temperature
3. L = 19.5mH, IAS = 7.4A, VDD = 50V, RG = 25 Ω, Starting TJ = 25°C
4. ISD≤7.4A, di/dt≤200A/μs, VDD≤BVDSS, Starting TJ = 25°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
TO-220/TO-262/TO-263
62.5
°C/W
Junction to Ambient
TO-220F/TO-220F1
θJA
62.5
°C/W
TO-220/TO-262/TO-263
0.88
°C/W
Junction to Case
TO-220F/TO-220F1
θJC
2.6
°C/W
ELECTRICAL CHARACTERISTICS (TC =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS = 0V, ID = 250μA
650
V
Drain-Source Leakage Current
IDSS
VDS = 650V, VGS = 0V
1
μA
Forward
VGS = 30V, VDS = 0V
100
nA
Gate- Source Leakage Current
Reverse
IGSS
VGS = -30V, VDS = 0V
-100
nA
Breakdown Voltage Temperature
Coefficient
△
BVDSS/△TJ
ID = 250μA,
Referenced to 25°C
0.67
V/°C
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS = VGS, ID = 250μA
2.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS = 10V, ID = 3.7A
1.2
Ω
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
1400
pF
Output Capacitance
COSS
180
pF
Reverse Transfer Capacitance
CRSS
VDS=25V, VGS=0V, f=1.0 MHz
16
21
pF
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
70
ns
Turn-On Rise Time
tR
170
ns
Turn-Off Delay Time
tD(OFF)
140
ns
Turn-Off Fall Time
tF
VDD =300V, ID =7.4A, RG =25Ω
(Note 1, 2)
130
ns
SWITCHING CHARACTERISTICS
Total Gate Charge
QG
29
38
nC
Gate-Source Charge
QGS
7
nC
Gate-Drain Charge
QGD
VDS=480V, ID=7.4A, VGS=10 V
(Note 1, 2)
14.5
nC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com