Electronic Components Datasheet Search
  English  ▼

X  

7N90 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 7N90
Description  900V N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7N90 Datasheet(HTML) 1 Page - Unisonic Technologies

  7N90 Datasheet HTML 1Page - Unisonic Technologies 7N90 Datasheet HTML 2Page - Unisonic Technologies 7N90 Datasheet HTML 3Page - Unisonic Technologies 7N90 Datasheet HTML 4Page - Unisonic Technologies 7N90 Datasheet HTML 5Page - Unisonic Technologies 7N90 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
7N90
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R502-475.a
900V N-CHANNEL POWER
MOSFET
DESCRIPTION
The UTC 7N90 is an N-channel mode Power FET using UTC’s
advanced technology to provide costumers with planar stripe and
DMOS technology. This technology specializes in allowing a
minimum on-state resistance and superior switching performance. It
also can withstand high energy pulse in the avalanche and
commutation mode.
The UTC 7N90 is universally applied in active power factor
correction, electronic lamp ballast based on half bridge topology and
high efficient switched mode power supply.
FEATURES
* High switching speed
* 7.0A, 900V, RDS(ON)=1.8Ω @ VGS=10V
* Typically 40nC low gate charge
* 100% avalanche tested
* Typically 17pF low CRSS
* Improved dv/dt capability
SYMBOL
D (2)
G
(1)
S (3)
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
7N90L-TF1-T
7N90G-TF1-T
TO-220F1
G
D
S
Tube
Note: Pin Assignment: G: Gate D: Drain S: Source


Similar Part No. - 7N90

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N90 UTC-7N90 Datasheet
185Kb / 6P
7A, 900V N-CHANNEL POWER MOSFET
logo
Nell Semiconductor Co.,...
7N90 NELLSEMI-7N90 Datasheet
394Kb / 8P
N-Channel Power MOSFET
logo
Inchange Semiconductor ...
7N90 ISC-7N90 Datasheet
67Kb / 2P
Fast Switching Speed
logo
Unisonic Technologies
7N90-MK6 UTC-7N90-MK6 Datasheet
210Kb / 5P
N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
7N90A ISC-7N90A Datasheet
291Kb / 2P
isc N-Channel Mosfet Transistor
More results

Similar Description - 7N90

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N90 UTC-2N90_11 Datasheet
203Kb / 6P
2A, 900V N-CHANNEL POWER MOSFET
7N90_1109 UTC-7N90_1109 Datasheet
185Kb / 6P
7A, 900V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM3N90 TSC-TSM3N90 Datasheet
531Kb / 12P
900V N-Channel Power MOSFET
TSM7N90 TSC-TSM7N90 Datasheet
410Kb / 10P
900V N-Channel Power MOSFET
TSM4N90 TSC-TSM4N90 Datasheet
406Kb / 10P
900V N-Channel Power MOSFET
TSM9N90 TSC-TSM9N90 Datasheet
429Kb / 10P
900V N-Channel Power MOSFET
TSM3N90 TSC-TSM3N90_14 Datasheet
572Kb / 12P
900V N-Channel Power MOSFET
TSM4N90 TSC-TSM4N90_14 Datasheet
469Kb / 10P
900V N-Channel Power MOSFET
TSM9N90_1311 TSC-TSM9N90_1311 Datasheet
491Kb / 10P
900V N-Channel Power MOSFET
TSM7N90 TSC-TSM7N90_14 Datasheet
1Mb / 10P
900V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com