Electronic Components Datasheet Search
  English  ▼

X  

8N80 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 8N80
Description  800V N-CHANNEL MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

8N80 Datasheet(HTML) 2 Page - Unisonic Technologies

  8N80 Datasheet HTML 1Page - Unisonic Technologies 8N80 Datasheet HTML 2Page - Unisonic Technologies 8N80 Datasheet HTML 3Page - Unisonic Technologies 8N80 Datasheet HTML 4Page - Unisonic Technologies 8N80 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
8N80
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R502-471.a
ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
800
V
Gate-Source Voltage
VGSS
±30
V
Drain Current (Continuous) (TC=25°C)
ID
8
A
Drain Current (Pulsed) (Note 1)
IDM
32
A
Avalanche Current (Note 1)
IAR
8
A
Single Pulse Avalanche Energy (Note 2)
EAS
850
mJ
Repetitive Avalanche Energy (Note 1)
EAR
17.8
mJ
Peak Diode Recovery dv/dt (Note 3)
dv/dt
4.5
V/ns
Total Power Dissipation (TC=25°C)
178
W
Linear Derating Factor above TC=25°C
PD
1.43
W/°C
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
Note: 1. Repetitive Rating: Pulse width limited by maximum junction temperature
2. L = 25mH, IAS = 8A, VDD = 50V, RG = 25 Ω, Starting TJ = 25°C
3. ISD ≤ 8A, di/dt ≤ 200A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
62.5
°C/W
Junction to Case
θJC
0.7
°C/W
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
800
V
Breakdown Voltage Temperature
Coefficient
△
BVDSS/△TJ Reference to 25°C, ID=250µA
0.5
V/°C
VDS=800V, VGS=0V
10
Drain-Source Leakage Current
IDSS
VDS=640V, TC=125°C
100
µA
Gate- Source Leakage Current
IGSS
VGS=±30V, VDS=0V
±100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
3.0
5.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=4A
0.94 1.55
Ω
Forward Transconductance (Note 1)
gFS
VDS=50V, ID=4A
5.6
S
DYNAMIC PARAMETERS
Input Capacitance
CISS
1580 2050
pF
Output Capacitance
COSS
135
175
pF
Reverse Transfer Capacitance
CRSS
VGS=0V, VDS=25V, f=1.0MHz
13
17
pF
SWITCHING PARAMETERS
(Note 1, Note 2)
Total Gate Charge
QG
35
45
nC
Gate to Source Charge
QGS
10
nC
Gate to Drain Charge
QGD
VGS=10V, VDS=640V, ID=8A
14
nC
Turn-ON Delay Time
tD(ON)
40
90
ns
Rise Time
tR
110
230
ns
Turn-OFF Delay Time
tD(OFF)
65
140
ns
Fall-Time
tF
VDD=400V, ID=8A, RG=25Ω
70
150
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Continuous Drain-Source Diode
Forward Current
IS
8
A
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
32
A
Drain-Source Diode Forward Voltage
VSD
IS=8A, VGS=0V
1.4
V
Reverse Recovery Time (Note 1)
tRR
690
ns
Reverse Recovery Charge (Note 1)
QRR
IS=8A, VGS=0V, dIF/dt=100A/µs
8.2
µC
Note: 1. Pulse Test: Pulse width ≤ 300µs, Duty cycle ≤ 2%
2. Essentially independent of operating temperature



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com