Electronic Components Datasheet Search
  English  ▼

X  

9N90 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 9N90
Description  900V N-CHANNEL MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

9N90 Datasheet(HTML) 3 Page - Unisonic Technologies

  9N90 Datasheet HTML 1Page - Unisonic Technologies 9N90 Datasheet HTML 2Page - Unisonic Technologies 9N90 Datasheet HTML 3Page - Unisonic Technologies 9N90 Datasheet HTML 4Page - Unisonic Technologies 9N90 Datasheet HTML 5Page - Unisonic Technologies 9N90 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
9N90
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-217.E
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
50
110
ns
Turn-On Rise Time
tR
120
250
ns
Turn-Off Delay Time
tD(OFF)
VDD = 450V, ID =11.0 A,
RG = 25Ω (Note 1, 2)
100
210
ns
Turn-Off Fall Time
tF
75
160
ns
Total Gate Charge
QG
45
58
nC
Gate-Source Charge
QGS
13
nC
Gate-Drain Charge
QGD
VDS = 720V, ID = 11.0A,
VGS = 10 V (Note 1,2)
18
nC
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
Drain-Source Diode Forward Voltage
VSD
VGS = 0 V, IS = 9.0 A
1.4
V
Maximum Continuous Drain-Source
Diode Forward Current
IS
9.0
A
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
36
A
Reverse Recovery Time
tRR
550
ns
Reverse Recovery Charge
QRR
VGS = 0 V, IS = 9.0 A,
dIF / dt = 100 A/μs (Note 1)
6.5
μC
Notes: 1. Pulse Test : Pulse width≤300μs, Duty cycle≤2%
2. Essentially independent of operating temperature



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com